Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF442 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # IRF442
Description  N-CHANNEL POWER MOSFETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

IRF442 Datasheet(HTML) 4 Page - Samsung semiconductor

  IRF442 Datasheet HTML 1Page - Samsung semiconductor IRF442 Datasheet HTML 2Page - Samsung semiconductor IRF442 Datasheet HTML 3Page - Samsung semiconductor IRF442 Datasheet HTML 4Page - Samsung semiconductor IRF442 Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - IRF442

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF442 FAIRCHILD-IRF442 Datasheet
150Kb / 5P
   N-Channel Power MOSFETs, 8A, 450 V/500V
logo
New Jersey Semi-Conduct...
IRF442 NJSEMI-IRF442 Datasheet
137Kb / 3P
   N-CHANNEL POWER MOSFETS
logo
Inchange Semiconductor ...
IRF442 ISC-IRF442 Datasheet
49Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF442 ARTSCHIP-IRF442 Datasheet
271Kb / 5P
   N-Channel Power MOSFETs
More results

Similar Description - IRF442

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
   N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
   N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
   N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
ARTSCHIP ELECTRONICS CO...
IRL220 ARTSCHIP-IRL220 Datasheet
154Kb / 5P
   N-Channel Power Mosfets
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
   N-Channel Power MOSFETs
IRF420 ARTSCHIP-IRF420 Datasheet
381Kb / 5P
   N-Channel Power MOSFETs
IRF610 ARTSCHIP-IRF610 Datasheet
344Kb / 5P
   N-Channel Power Mosfets
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com