Electronic Components Datasheet Search |
|
41672-0046 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
41672-0046 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 12 page This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0416720046 Status: Active Description: 3.96mm (.156") Pitch KK® Header, Breakaway, Right Angle, with Friction Lock, 24 Circuits, 0.76µm (30µ") Gold (Au) Selective Plating Documents: 3D Model Product Specification PS-08-50 (PDF) Packaging Specification (PDF) RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 41672 Application Wire-to-Board Product Name KK® Physical Breakaway Yes Circuits (Loaded) 24 Circuits (maximum) 24 Color - Resin Black Durability (mating cycles max) 50 Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Number of Rows 1 Orientation Right Angle PC Tail Length (in) 0.212 In PC Tail Length (mm) 5.38 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Bag Pitch - Mating Interface (in) 0.156 In Pitch - Mating Interface (mm) 3.96 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.5 Polarized to Mating Part No Polarized to PCB Yes Shrouded No Stackable No Temperature Range - Operating 0°C to +75°C Termination Interface: Style Through Hole Electrical Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 41672Series Mates With 3069 , 3215 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , 41815 |
Similar Part No. - 41672-0046 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |