Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5VT45A-T2 Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RH5VT45A-T2
Description  LOW VOLTAGE DETECTOR?
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5VT45A-T2 Datasheet(HTML) 5 Page - RICOH electronics devices division

  RH5VT45A-T2 Datasheet HTML 1Page - RICOH electronics devices division RH5VT45A-T2 Datasheet HTML 2Page - RICOH electronics devices division RH5VT45A-T2 Datasheet HTML 3Page - RICOH electronics devices division RH5VT45A-T2 Datasheet HTML 4Page - RICOH electronics devices division RH5VT45A-T2 Datasheet HTML 5Page - RICOH electronics devices division RH5VT45A-T2 Datasheet HTML 6Page - RICOH electronics devices division RH5VT45A-T2 Datasheet HTML 7Page - RICOH electronics devices division RH5VT45A-T2 Datasheet HTML 8Page - RICOH electronics devices division RH5VT45A-T2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LOW VOLTAGE DETECTOR
R
×5VT SERIES
1
OUTLINE
The R
×5VT Series are voltage detector ICs with high detector threshold accuracy and ultra-low supply current
by CMOS process, which can be operated at an extremely low voltage and is used, for instance, for system reset.
Each of these ICs consists of a voltage reference unit, a comparator, resistors for voltage detection, an output
driver and a hysteresis circuit. The detector threshold is fixed with high accuracy.
The R
×5VT Series are operable by a lower voltage than that for the R×5VL Series, and can be driven by a sin-
gle battery.
Two output types, Nch open drain type and CMOS type, are available. Three types of packages, TO-92, SOT-
89 (Mini-power Mold), SOT-23-5 (Mini-mold), are available.
• Ultra-low Supply Current ............................TYP. 0.8µA (VDD=1.5V)
• Broad Operating Voltage Range .................. 0.7V to 10.0V (Topt =25˚C)
• Detector Threshold........................................Stepwise setting with a step of 0.1V in the range of 0.9V to 6.0V
is possible (refer to Selection Guide).
• High Accuracy Detector Threshold..............±2.5%
• Low Temperature-Drift Coefficien of Detector Threshold..............TYP. ±100ppm/˚C
• Two Output Types.........................................Nch Open Drain and CMOS
• Three Types of Packages ..............................TO-92, SOT-89 (Mini-power Mold), SOT-23-5 (Mini-mold)
FEATURES
APPLICATIONS
CPU & Logic Circuit Reset
Battery Checker
Window Comparator
Wave Shaping Circuit
Battery Back-Up Circuit
Power Failure Detector


Similar Part No. - RH5VT45A-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5VL27A RICOH-RH5VL27A Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RH5VL27A-RF RICOH-RH5VL27A-RF Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RH5VL27A-RR RICOH-RH5VL27A-RR Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RH5VL27A-T1 RICOH-RH5VL27A-T1 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RH5VL27A-T2 RICOH-RH5VL27A-T2 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
More results

Similar Description - RH5VT45A-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com