Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41671-0030 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 41671-0030
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 8 Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41671-0030 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 41671-0030 Datasheet HTML 2Page - Molex Electronics Ltd. 41671-0030 Datasheet HTML 3Page - Molex Electronics Ltd. 41671-0030 Datasheet HTML 4Page - Molex Electronics Ltd. 41671-0030 Datasheet HTML 5Page - Molex Electronics Ltd. 41671-0030 Datasheet HTML 6Page - Molex Electronics Ltd. 41671-0030 Datasheet HTML 7Page - Molex Electronics Ltd. 41671-0030 Datasheet HTML 8Page - Molex Electronics Ltd. 41671-0030 Datasheet HTML 9Page - Molex Electronics Ltd. 41671-0030 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
AJ
EC. NO.
DATE:
UCP2009-1378
12/8/2008
TITLE:
KK .156 HEADER ASSEMBLY
FRICTION LOCK STRAIGHT
2-24 CKTS.
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD – 41671 - 001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group No:
A-41671-ANA102-* REF SEE SHT 1
Group No:
A-41671-ANA102-* REF SEE SHT 1
Group No:
A-41671-ANA102-* REF SEE SHT 1
Pin No:
Pin No:
Pin No:
Plating:
Plating:
Plating:
Pin Length L
Pin Length L
Pin Length L
Mating
M
Mating
M
Mating
M
Gold Loc
G
Gold Loc
G
Gold Loc
G
PC Tail
P
PC Tail
P
PC Tail
P
Tin Loc
T
Tin Loc
T
Tin Loc
T
Voided Ckts
SEE CHART BELOW
Voided Ckts
SEE CHART BELOW
Voided Ckts
SEE CHART BELOW
Pack Per
Pack Per
Pack Per
Material No
Engineer Number
Void Ckts
Material No
Engineer Number
Void Ckts
Material No
Engineer Number
Void Ckts
26-50-3030
A-41671-A03A102-2
2
26-50-3073
A-41671-A07A102-3
3
26-50-3202
A-41671-A20A102-51
2,4,6,8
26-50-3040
A-41671-A04A102-2
2
26-50-5080
A-41671-A08A102-51
2,4
10,12,14,16
26-50-3050
A-41671-A05A102-2
2
26-50-3063
A-41671-A06A102-3
3
26-50-3167
A-41671-A16A102-53
2,4,6,8
26-50-3060
A-41671-A06A102-2
2
26-50-3071
A-41671-A07A102-52
2,4,6
26-50-3152
A-41671-A15A102-52
4,6,8,10,12,14
26-50-3070
A-41671-A07A102-2
2
26-50-3051
A-41671-A05A102-51
2,4
26-50-3126
A-41671-A12A102-53
2,3,5,6,8,10
26-50-3080
A-41671-A08A102-2
2
26-50-3062
A-41671-A06A102-4
4
26-50-3240
A-41671-A24A102-2
2
26-50-3090
A-41671-A09A102-2
2
26-50-3068
A-41671-A06A102-6
6
26-50-5090
A-41671-A10A102-55
2,5
26-50-3100
A-41671-A10A102-2
2
26-50-3111
A-41671-A11A102-51
5,10
41671-3100
A-41671-A05A102-3
3
26-50-3110
A-41671-A11A102-2
2
26-50-3065
A-41671-A06A102-5
5
41671-3112
A-41671-A14A102-12
12
26-50-3120
A-41671-A12A102-2
2
26-50-3054
A-41671-A05A102-4
4
41671-3113
A-41671-A14A102-51
11, 12
26-50-3130
A-41671-A13A102-2
2
26-50-3154
A-41671-A15A102-4
4
41671-3446
A-41671-A06A102-55
1, 3, 5
26-50-3140
A-41671-A14A102-2
2
26-50-3145
A-41671-A14A102-55
2,4,8,12
26-50-3150
A-41671-A15A102-2
2
26-50-3155
A-41671-A15A102-54
3,10,13
26-50-3160
A-41671-A16A102-2
2
26-50-3066
A-41671-A6A102-54
2,4
26-50-3170
A-41671-A17A102-2
2
26-50-3108
A-41671-A10A102-53
3,10
26-50-3180
A-41671-A18A102-2
2
26-50-3103
A-41671-A10A102-7
7
26-50-3190
A-41671-A19A102-2
2
26-50-3087
A-41671-A8A102-52
5,7
26-50-3200
A-41671-A20A102-2
2
26-50-5081
A-41671-A08A102-6
6
26-50-3210
A-41671-A21A102-2
2
26-50-3132
A-41671-A13A102-5
5
26-50-3220
A-41671-A22A102-2
2
26-50-3165
A-41671-A16A102-52
2,15
26-50-3230
A-41671-A23A102-2
2
41671-0085
A-41671-A10A102-56
5,8


Similar Part No. - 41671-0030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41671-0030 MOLEX11-41671-0030 Datasheet
68Kb / 2P
   KK 396 Breakaway Header, Vertical, Square Pin, with Friction Lock, 8 Circuits, 0.76um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com