Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0416710030 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0416710030
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 8 Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0416710030 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 0416710030 Datasheet HTML 2Page - Molex Electronics Ltd. 0416710030 Datasheet HTML 3Page - Molex Electronics Ltd. 0416710030 Datasheet HTML 4Page - Molex Electronics Ltd. 0416710030 Datasheet HTML 5Page - Molex Electronics Ltd. 0416710030 Datasheet HTML 6Page - Molex Electronics Ltd. 0416710030 Datasheet HTML 7Page - Molex Electronics Ltd. 0416710030 Datasheet HTML 8Page - Molex Electronics Ltd. 0416710030 Datasheet HTML 9Page - Molex Electronics Ltd. 0416710030 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
AJ
EC. NO.
DATE:
UCP2009-1378
12/8/2008
TITLE:
KK .156 HEADER ASSEMBLY
FRICTION LOCK STRAIGHT
2-24 CKTS.
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD – 41671 - 001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group No:
A-41671-CNP228
Group No:
A-41671-CNR208
Group No:
A-41671-ANT102
Group No:
A-41671-ANA122
Pin No:
43294-0282
Pin No:
43294-0344
Pin No:
2161-37 (102)
Pin No:
2161-1 (122)
Plating:
228 30 GOLD
Plating:
208 15 GOLD
Plating:
102 TIN
Plating:
122 TIN
Pin Length
L
.800 / 20.32
Pin Length
L
.870 / 22.10
Pin Length
L
1.100 / 27.94
Pin Length
L
.750 / 19.05
Mating
M
.523 / 13.28
Mating
M
.450 / 11.43
Mating
M
.486 / 12.34
Mating
M
.450 / 11.43
Gold Loc
G
.350 / 8.89
Gold Loc
G
.400 / 10.16
Gold Loc
G
NA
Gold Loc
G
NA
PC Tail
P
.149 / 3.78
PC Tail
P
.292 / 7.42
PC Tail
P
.486 / 12.34
PC Tail
P
.172 / 4.37
Tin Loc
T
.200 / 5.08
Tin Loc
T
.200 / 5.08
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
41671-2451
A-41671-C02P228
41671-2474
A-41671-C02R208
41671-3400
A-41671-A02T102
41671-3423
A-41671-A02A122
3
41671-2452
A-41671-C03P228
41671-2475
A-41671-C03R208
41671-3401
A-41671-A03T102
41671-3424
A-41671-A03A122
4
41671-2453
A-41671-C04P228
41671-2476
A-41671-C04R208
41671-3402
A-41671-A04T102
41671-3425
A-41671-A04A122
5
41671-2454
A-41671-C05P228
41671-2477
A-41671-C05R208
41671-3403
A-41671-A05T102
41671-3426
A-41671-A05A122
6
41671-2455
A-41671-C06P228
41671-2478
A-41671-C06R208
41671-3404
A-41671-A06T102
41671-3427
A-41671-A06A122
7
41671-2456
A-41671-C07P228
41671-2479
A-41671-C07R208
41671-3405
A-41671-A07T102
41671-3428
A-41671-A07A122
8
41671-2457
A-41671-C08P228
41671-2480
A-41671-C08R208
41671-3406
A-41671-A08T102
41671-3429
A-41671-A08A122
9
41671-2458
A-41671-C09P228
41671-2481
A-41671-C09R208
41671-3407
A-41671-A09T102
41671-3430
A-41671-A09A122
10
41671-2459
A-41671-C10P228
41671-2482
A-41671-C10R208
41671-3408
A-41671-A10T102
41671-3431
A-41671-A10A122
11
41671-2460
A-41671-C11P228
41671-2483
A-41671-C11R208
41671-3409
A-41671-A11T102
41671-3432
A-41671-A11A122
12
41671-2461
A-41671-C12P228
41671-2484
A-41671-C12R208
41671-3410
A-41671-A12T102
41671-3433
A-41671-A12A122
13
41671-2462
A-41671-C13P228
41671-2485
A-41671-C13R208
41671-3411
A-41671-A13T102
41671-3434
A-41671-A13A122
14
41671-2463
A-41671-C14P228
41671-2486
A-41671-C14R208
41671-3412
A-41671-A14T102
41671-3435
A-41671-A14A122
15
41671-2464
A-41671-C15P228
41671-2487
A-41671-C15R208
41671-3413
A-41671-A15T102
41671-3436
A-41671-A15A122
16
41671-2465
A-41671-C16P228
41671-2488
A-41671-C16R208
41671-3414
A-41671-A16T102
41671-3437
A-41671-A16A122
17
41671-2466
A-41671-C17P228
41671-2489
A-41671-C17R208
41671-3415
A-41671-A17T102
41671-3438
A-41671-A17A122
18
41671-2467
A-41671-C18P228
41671-2490
A-41671-C18R208
41671-3416
A-41671-A18T102
41671-3439
A-41671-A18A122
19
41671-2468
A-41671-C19P228
41671-2491
A-41671-C19R208
41671-3417
A-41671-A19T102
41671-3440
A-41671-A19A122
20
41671-2469
A-41671-C20P228
41671-2492
A-41671-C20R208
41671-3418
A-41671-A20T102
41671-3441
A-41671-A20A122
21
41671-2470
A-41671-C21P228
41671-2493
A-41671-C21R208
41671-3419
A-41671-A21T102
41671-3442
A-41671-A21A122
22
41671-2471
A-41671-C22P228
41671-2494
A-41671-C22R208
41671-3420
A-41671-A22T102
41671-3443
A-41671-A22A122
23
41671-2472
A-41671-C23P228
41671-2495
A-41671-C23R208
41671-3421
A-41671-A23T102
41671-3444
A-41671-A23A122
24
41671-2473
A-41671-C24P228
41671-2496
A-41671-C24R208
41671-3422
A-41671-A24T102
41671-3445
A-41671-A24A122


Similar Part No. - 0416710030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0416710031 MOLEX5-0416710031 Datasheet
276Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 9 Circuits
0416710032 MOLEX5-0416710032 Datasheet
276Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 10 Circuits
0416710034 MOLEX5-0416710034 Datasheet
276Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 12 Circuits
0416710037 MOLEX5-0416710037 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 15 Circuits
0416710038 MOLEX5-0416710038 Datasheet
276Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 16 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com