Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5RH392B-T1 Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RH5RH392B-T1
Description  PWM STEP-UP DC/DC CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RH392B-T1 Datasheet(HTML) 3 Page - RICOH electronics devices division

  RH5RH392B-T1 Datasheet HTML 1Page - RICOH electronics devices division RH5RH392B-T1 Datasheet HTML 2Page - RICOH electronics devices division RH5RH392B-T1 Datasheet HTML 3Page - RICOH electronics devices division RH5RH392B-T1 Datasheet HTML 4Page - RICOH electronics devices division RH5RH392B-T1 Datasheet HTML 5Page - RICOH electronics devices division RH5RH392B-T1 Datasheet HTML 6Page - RICOH electronics devices division RH5RH392B-T1 Datasheet HTML 7Page - RICOH electronics devices division RH5RH392B-T1 Datasheet HTML 8Page - RICOH electronics devices division RH5RH392B-T1 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2
RH5RH
×××× ×× ← Part Number
↑↑
ab
c
SELECTION GUIDE
In RH5RH Series, the output voltage, the driver, and the taping type for the ICs can be selected at the user's
request. The selection can be made by designating the part number as shown below :
For example, the product with Output Voltage 5.0V, the External Driver (the Oscillator Frequency 100kHz)
and Taping Type T1, is designated by Part Number RH5RH502B-T1.
Code
Description
Setting Output Voltage (VOUT):
a
Stepwise setting with a step of 0.1V in the range of 2.7V to 7.5V is possible.
Designation of Driver:
1A: Internal Lx Tr. Driver (Oscillator Frequency 50kHz)
b
2B: External Tr. Driver (Oscillator Frequency 100kHz)
3B: Internal Tr./External Tr. (selectively available) (Oscillator Frequency 100kHz, with chip
enable function)
Designation of Taping Type :
c
Ex. SOT-89
: T1, T2
SOT-89-5 : T1, T2
(refer to Taping Specifications)
“T1” is prescribed as a standard.
RH5RH
BLOCK DIAGRAM
Lx
Vss
EXT
LxSW
CE
Error Amp.
OUT
VLX limiter
Buffer
PWM control
OSC
Chip Enable
Slow start
Phase Comp.
Vref
+
Error Amp. (Error Amplifier) has a DC gain of 80dB, and Phase Comp. (Phase Compensation Circuit)
provides the frequency characteristics including the 1st pole (fp=0.25Hz) and the zero point (fz=2.5kHz).
Furthermore, another zero point (fz=1.0kHz) is also obtained by the resistors and a capacitor connected to
the OUT pin.
(Note) Lx Pin ............only for RH5RH
××1A and RH5RH××3B
EXT Pin .........only for RH5RH
××2B and RH5RH××3B
CE Pin ...........only for RH5RH
××3B


Similar Part No. - RH5RH392B-T1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RH5RE20AA RICOH-RH5RE20AA Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RH5RE20AA-RF RICOH-RH5RE20AA-RF Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RH5RE20AA-RR RICOH-RH5RE20AA-RR Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RH5RE20AA-T1 RICOH-RH5RE20AA-T1 Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
More results

Similar Description - RH5RH392B-T1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
   ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com