Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ5RW20BB Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RQ5RW20BB
Description  SMALL PACKAGE VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW20BB Datasheet(HTML) 5 Page - RICOH electronics devices division

  RQ5RW20BB Datasheet HTML 1Page - RICOH electronics devices division RQ5RW20BB Datasheet HTML 2Page - RICOH electronics devices division RQ5RW20BB Datasheet HTML 3Page - RICOH electronics devices division RQ5RW20BB Datasheet HTML 4Page - RICOH electronics devices division RQ5RW20BB Datasheet HTML 5Page - RICOH electronics devices division RQ5RW20BB Datasheet HTML 6Page - RICOH electronics devices division RQ5RW20BB Datasheet HTML 7Page - RICOH electronics devices division RQ5RW20BB Datasheet HTML 8Page - RICOH electronics devices division RQ5RW20BB Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
1
SMALL PACKAGE VOLTAGE REGULATOR
RQ5RW SERIES
OUTLINE
The RQ5RW Series are voltage regulator ICs with high accuracy output voltage and ultra-low supply current developed by
CMOS process. Each of these ICs consists of a voltage reference unit, an error amplifier, resistors for setting output volt-
age and a current limit circuit.
The output voltage of these ICs is fixed with high accuracy.
Even if VOUT is shorted to GND, the included current limit circuit protects the ICs from the destruction.
Furthermore, these ICs have a chip enable function, so that the supply current on standby can be minimized.
Since the package for these ICs are SC-82AB(Super Mini-mold)package, high density mounting of the ICs on boards is pos-
sible.
FEATURES
• Ultra-Low Supply Current....................................TYP. 1.5µA
• Standby Current ...................................................TYP. 0.1µA
• Dropout Voltage....................................................TYP. 40mV (IOUT=1mA, RQ5RW30A/B)
• Low Temperature-Drift Coefficient of
Output Voltage......................................................TYP. ±100ppm/˚C
• Excellent Line Regulation....................................TYP. 0.05%/V
• High Accuracy Output Voltage...........................±2.0%
• Ultra-Small Package ............................................SC-82AB (Super Mini-mold)
• Built-in Current Llimit Circuits
APPLICATIONS
• Power source for battery-powered equipment.
• Power source for cameras, VCRs, camcorders, hand-held audio instruments and hand-held communication equipment.
• Precision voltage references.


Similar Part No. - RQ5RW20BB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW20BA RICOH-RQ5RW20BA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
RQ5RW20BA-TR-FE RICOH-RQ5RW20BA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
More results

Similar Description - RQ5RW20BB

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D_17 Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
New Japan Radio
NJU7665 NJRC-NJU7665 Datasheet
201Kb / 4P
   SMALL PACKAGE VOLTAGE INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com