Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ5RW43AB Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RQ5RW43AB
Description  SMALL PACKAGE VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW43AB Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RQ5RW43AB Datasheet HTML 5Page - RICOH electronics devices division RQ5RW43AB Datasheet HTML 6Page - RICOH electronics devices division RQ5RW43AB Datasheet HTML 7Page - RICOH electronics devices division RQ5RW43AB Datasheet HTML 8Page - RICOH electronics devices division RQ5RW43AB Datasheet HTML 9Page - RICOH electronics devices division RQ5RW43AB Datasheet HTML 10Page - RICOH electronics devices division RQ5RW43AB Datasheet HTML 11Page - RICOH electronics devices division RQ5RW43AB Datasheet HTML 12Page - RICOH electronics devices division RQ5RW43AB Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
5
RQ5RW
• RQ5RW30B
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN=5.0V
2.940
3.000
3.060
V
10µA
≤IOUT≤10mA
IOUT
Output Current
VIN=5.0V
50
mA
∆VOUT
Load Regulation
VIN=5.0V
40
60
mV
∆IOUT
1mA
≤IOUT≤50mA
VDIF
Dropout Voltage
IOUT=1mA
40
60
mV
Iss
Supply Current
VIN=5.0V
1.5
3.0
µA
Istandby
Standby Current
VIN=5.0V, VCE=GND
0.1
1.0
µA
∆VOUT
Line Regulation
IOUT=1mA
0
0.05
0.20
%/V
∆VIN
VOUT+0.5V
≤VIN≤8V
VIN
Input Voltage
8.0
V
∆VOUT
Output Voltage
IOUT=1mA
±100
ppm/˚C
∆Topt
Temperature Coefficient
–40˚C
≤Topt≤85˚C
Ilim
Short Current Limit
40
mA
RPD
Pull down resistance for CE pin
1.5
4.0
12.0
M
VCEH
CE Input Voltage “H”
1.5
V
VCEL
CE Input Voltage “L”
0.25
V
Topt=25˚C


Similar Part No. - RQ5RW43AB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW43AA RICOH-RQ5RW43AA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
More results

Similar Description - RQ5RW43AB

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D_17 Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
New Japan Radio
NJU7665 NJRC-NJU7665 Datasheet
201Kb / 4P
   SMALL PACKAGE VOLTAGE INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com