Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ5RW38AB Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RQ5RW38AB
Description  SMALL PACKAGE VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW38AB Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RQ5RW38AB Datasheet HTML 2Page - RICOH electronics devices division RQ5RW38AB Datasheet HTML 3Page - RICOH electronics devices division RQ5RW38AB Datasheet HTML 4Page - RICOH electronics devices division RQ5RW38AB Datasheet HTML 5Page - RICOH electronics devices division RQ5RW38AB Datasheet HTML 6Page - RICOH electronics devices division RQ5RW38AB Datasheet HTML 7Page - RICOH electronics devices division RQ5RW38AB Datasheet HTML 8Page - RICOH electronics devices division RQ5RW38AB Datasheet HTML 9Page - RICOH electronics devices division RQ5RW38AB Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
RQ5RW
2
BLOCK DIAGRAM
2
4
1
VOUT
GND
VDD
CE
Vref
3
Current Limit
2
4
1
VOUT
GND
VDD
CE
+
Vref
3
Current Limit
+
RQ5RW
××A
RQ5RW
××B
SELECTION GUIDE
The output voltage, the active type, the packing type and the taping type for the ICs can be selected at the user's request.
The selection can be made by designating the part number as shown below:
RQ5RW
×××××× ← Part Number
↑ ↑ ↑ ↑
a b c
d
Code
Contents
a
Setting Output Voltage ( VOUT) :
Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible.
Designation of Chip enable Active Type :
b
A : “L” active type
B : “H” active type
Designation of Packing Type :
c
A : Taping
B : Antistatic bag (for Sample only)
d
Designation of Taping Type :
TR (refer to Taping Specifications)


Similar Part No. - RQ5RW38AB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW38AA RICOH-RQ5RW38AA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
More results

Similar Description - RQ5RW38AB

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D_17 Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
New Japan Radio
NJU7665 NJRC-NJU7665 Datasheet
201Kb / 4P
   SMALL PACKAGE VOLTAGE INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com