Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RT33AA-TL Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RN5RT33AA-TL
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RT33AA-TL Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RN5RT33AA-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RT33AA-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RT33AA-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RT33AA-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RT33AA-TL Datasheet HTML 9Page - RICOH electronics devices division RN5RT33AA-TL Datasheet HTML 10Page - RICOH electronics devices division RN5RT33AA-TL Datasheet HTML 11Page - RICOH electronics devices division RN5RT33AA-TL Datasheet HTML 12Page - RICOH electronics devices division RN5RT33AA-TL Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RN5RT
8
ELECTRICAL CHARACTERISTICS BY OUTPUT VOLTAGE
Output Voltage
Output Current
Load Regulation
Dropout Voltage
Supply Current
Part Number
VOUT (V)
IOUT (mA)
∆VOUT/∆IOUT (mA)
VDIF (V)
ISS (µA)
Conditions
MIN.
TYP.
MAX. Conditions MIN.
TYP. Conditions TYP. MAX. Conditions TYP. MAX Conditions TYP. MAX.
RN5RT20A
1.960
2.000
2.040
RN5RT21A
2.058
2.100
2.142
RN5RT22A
2.156
2.200
2.244
RN5RT23A
2.254
2.300
2.346
RN5RT24A
2.352
2.400
2.448
RN5RT25A
2.450
2.500
2.550
RN5RT26A
2.548
2.600
2.652
RN5RT27A
2.646
2.700
2.754
RN5RT28A
2.744
2.800
2.856
RN5RT29A
2.842
2.900
2.958
RN5RT30A
2.940
3.000
3.060
RN5RT31A
3.038
3.100
3.162
RN5RT32A
3.136
3.200
3.264
RN5RT33A
3.234
3.300
3.366
RN5RT34A
3.332
3.400
3.468
RN5RT35A
3.430
3.500
3.570
RN5RT36A
3.528
3.600
3.672
RN5RT37A
3.626
3.700
3.774
RN5RT38A
3.724
3.800
3.876
RN5RT39A
3.822
3.900
3.978
4.0
10
RN5RT40A
3.920
4.000
4.080
RN5RT41A
4.018
4.100
4.182
RN5RT42A
4.116
4.200
4.284
RN5RT43A
4.214
4.300
4.386
RN5RT44A
4.312
4.400
4.488
RN5RT45A
4.410
4.500
4.590
RN5RT46A
4.508
4.600
4.692
RN5RT47A
4.606
4.700
4.794
RN5RT48A
4.704
4.800
4.896
RN5RT49A
4.802
4.900
4.998
RN5RT50A
4.900
5.000
5.100
RN5RT51A
4.998
5.100
5.202
RN5RT52A
5.096
5.200
5.304
RN5RT53A
5.194
5.300
5.406
RN5RT54A
5.292
5.400
5.508
RN5RT55A
5.390
5.500
5.610
RN5RT56A
5.488
5.600
5.712
RN5RT57A
5.586
5.700
5.814
RN5RT58A
5.684
5.800
5.916
RN5RT59A
5.782
5.900
6.018
RN5RT60A
5.880
6.000
6.120
25
40
40
60
50
80
65
100
VIN–VOUT
=1.0V
1mA
IOUT
≤40mA
VIN–VOUT
=1.0V
1mA
IOUT
≤60mA
VIN–VOUT
=1.0V
1mA
IOUT
≤80mA
VIN–VOUT
=1.0V
1mA
IOUT
≤100mA
40
80
0.3
0.5
IOUT
=40mA
IOUT
=60mA
IOUT
=80mA
IOUT
=100mA
VIN–VOUT
=1.0V
(
expect)
ICEL
VIN–VOUT
=1.0V
IOUT
=10mA
VTN–VOUT
=1.0V


Similar Part No. - RN5RT33AA-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RT30AA-TR-FE RICOH-RN5RT30AA-TR-FE Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RT35AA-TR-FE RICOH-RN5RT35AA-TR-FE Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
More results

Similar Description - RN5RT33AA-TL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com