Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3131N44AA3-TR Datasheet(PDF) 29 Page - RICOH electronics devices division

Part # R3131N44AA3-TR
Description  Low Voltage Detector with built-in Delay Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N44AA3-TR Datasheet(HTML) 29 Page - RICOH electronics devices division

Back Button R3131N44AA3-TR Datasheet HTML 24Page - RICOH electronics devices division R3131N44AA3-TR Datasheet HTML 25Page - RICOH electronics devices division R3131N44AA3-TR Datasheet HTML 26Page - RICOH electronics devices division R3131N44AA3-TR Datasheet HTML 27Page - RICOH electronics devices division R3131N44AA3-TR Datasheet HTML 28Page - RICOH electronics devices division R3131N44AA3-TR Datasheet HTML 29Page - RICOH electronics devices division R3131N44AA3-TR Datasheet HTML 30Page - RICOH electronics devices division R3131N44AA3-TR Datasheet HTML 31Page - RICOH electronics devices division R3131N44AA3-TR Datasheet HTML 32Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
28
R3131N26
××
××
××
××3
R3131N29
××
××
××
××3
0
1
0
3
2
4
0.5
1
-1.5V
-1.0V
-0.5V
3
2.5
2
1.5
VDS=-2.1V
Input Voltage VIN[V]
0
1
0
3
2
5
4
1
-1.5V
-1.0V
-0.5V
4
3
2
VDS=-2.1V
Input Voltage VIN[V]
R3131N30
××
××
××
××8
R3131N40
××
××
××
××
0
1
0
3
2
5
4
1
-1.5V
-1.0V
-0.5V
4
3
2
VDS=-2.1V
Input Voltage VIN[V]
0
1
0
5
3
4
2
8
7
6
1
-1.5V
-1.0V
-0.5V
5
4
3
2
VDS=-2.1V
Input Voltage VIN[V]
R3131N44
××
××
××
××
R3131N46
××
××
××
××5
0
0
4
2
10
8
6
1
-1.5V
-1.0V
-0.5V
5
4
3
2
VDS=-2.1V
Input Voltage VIN[V]
0
0
4
2
10
8
6
1
-1.5V
-1.0V
-0.5V
5
4
3
2
VDS=-2.1V
Input Voltage VIN[V]


Similar Part No. - R3131N44AA3-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3131N RICOH-R3131N Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
More results

Similar Description - R3131N44AA3-TR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com