Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0395430003 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part No. 0395430003
Description  5.00mm (.197") Pitch Eurostyle™ Vertical Fixed Mount PCB Terminal Block, with Screw Pressure Clamp, 3 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX5 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0395430003 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Black
Green
100% Tin
100% Tin
Dimensional Information
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10A
11A
None
10A
11A
mm
inch
mm
inch
5.0mm, Euro Block, PCMount, Vertical
2
395430002
395431002
395432002
395930002
395931002
395932002
10.00
0.394
5.00
0.197
5.0mm, Euro Block, PCMount, Vertical
3
395430003
395431003
395432003
395930003
395931003
395932003
15.00
0.591
10.00
0.394
5.0mm, Euro Block, PCMount, Vertical
4
395430004
395431004
395432004
395930004
395931004
395932004
20.00
0.787
15.00
0.591
5.0mm, Euro Block, PCMount, Vertical
5
395430005
395431005
395432005
395930005
395931005
395932005
25.00
0.984
20.00
0.787
5.0mm, Euro Block, PCMount, Vertical
6
395430006
395431006
395432006
395930006
395931006
395932006
30.00
1.181
25.00
0.984
5.0mm, Euro Block, PCMount, Vertical
7
395430007
395431007
395432007
395930007
395931007
395932007
35.00
1.378
30.00
1.181
5.0mm, Euro Block, PCMount, Vertical
8
395430008
395431008
395432008
395930008
395931008
395932008
40.00
1.575
35.00
1.378
5.0mm, Euro Block, PCMount, Vertical
9
395430009
395431009
395432009
395930009
395931009
395932009
45.00
1.772
40.00
1.575
5.0mm, Euro Block, PCMount, Vertical
10
395430010
395431010
395432010
395930010
395931010
395932010
50.00
1.969
45.00
1.772
5.0mm, Euro Block, PCMount, Vertical
11
395430011
395431011
395432011
395930011
395931011
395932011
55.00
2.165
50.00
1.969
5.0mm, Euro Block, PCMount, Vertical
12
395430012
395431012
395432012
395930012
395931012
395932012
60.00
2.362
55.00
2.165
5.0mm, Euro Block, PCMount, Vertical
13
395430013
395431013
395432013
395930013
395931013
395932013
65.00
2.559
60.00
2.362
5.0mm, Euro Block, PCMount, Vertical
14
395430014
395431014
395432014
395930014
395931014
395932014
70.00
2.756
65.00
2.559
5.0mm, Euro Block, PCMount, Vertical
15
395430015
395431015
395432015
395930015
395931015
395932015
75.00
2.953
70.00
2.756
5.0mm, Euro Block, PCMount, Vertical
16
395430016
395431016
395432016
395930016
395931016
395932016
80.00
3.150
75.00
2.953
5.0mm, Euro Block, PCMount, Vertical
17
395430017
395431017
395432017
395930017
395931017
395932017
85.00
3.346
80.00
3.150
5.0mm, Euro Block, PCMount, Vertical
18
395430018
395431018
395432018
395930018
395931018
395932018
90.00
3.543
85.00
3.346
5.0mm, Euro Block, PCMount, Vertical
19
395430019
395431019
395432019
395930019
395931019
395932019
95.00
3.740
90.00
3.543
5.0mm, Euro Block, PCMount, Vertical
20
395430020
395431020
395432020
395930020
395931020
395932020 100.00 3.937
95.00
3.740
5.0mm, Euro Block, PCMount, Vertical
21
395430021
395431021
395432021
395930021
395931021
395932021 105.00 4.134 100.00 3.937
5.0mm, Euro Block, PCMount, Vertical
22
395430022
395431022
395432022
395930022
395931022
395932022 110.00 4.331 105.00 4.134
5.0mm, Euro Block, PCMount, Vertical
23
395430023
395431023
395432023
395930023
395931023
395932023 115.00 4.528 110.00 4.331
5.0mm, Euro Block, PCMount, Vertical
24
395430024
395431024
395432024
395930024
395931024
395932024 120.00 4.724 115.00 4.528


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn