Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3131N46HC Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R3131N46HC
Description  Low Voltage Detector with built-in Delay Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N46HC Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R3131N46HC Datasheet HTML 5Page - RICOH electronics devices division R3131N46HC Datasheet HTML 6Page - RICOH electronics devices division R3131N46HC Datasheet HTML 7Page - RICOH electronics devices division R3131N46HC Datasheet HTML 8Page - RICOH electronics devices division R3131N46HC Datasheet HTML 9Page - RICOH electronics devices division R3131N46HC Datasheet HTML 10Page - RICOH electronics devices division R3131N46HC Datasheet HTML 11Page - RICOH electronics devices division R3131N46HC Datasheet HTML 12Page - RICOH electronics devices division R3131N46HC Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
8
• R3130N44××
××
××
××-TR
[Topt=25°C]
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VDDH
Maximum Operating Voltage
6.0
V
VDDL (*1) Minimum Operating Voltage
IOL=50µA
0.75
1.00
V
VDET
Detector Threshold
4.334
4.400
4.466
V
ISS1
Supply Current1
VDD=6.00V
1.40
5.00
µA
ISS2
Supply Current2
VDD=4.50V
1.30
4.00
µA
ISS3
Supply Current3
VDD=4.30V
1.15
3.50
µA
VOH
“H” Output Voltage
VDD=4.50V, IOUT=-800µA
0.8×VDD 0.95×VDD
V
VOL
“L” Output Voltage
VDD=4.30V, IOUT=3.2mA
0.18
0.40
V
Tdelay
(*2)
Output Delay Time for
release
Refer to electrical characteristics by Output Delay Time for release
∆VDET/
∆Topt
Detector Threshold
Temperature Coefficient
-40°C ≤ Topt ≤ 85°C
±100
ppm/
°C
• R3130N46××
××
××
××5-TR
[Topt=25°C]
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VDDH
Maximum Operating Voltage
6.0
V
VDDL (*1) Minimum Operating Voltage
IOL=50µA
0.75
1.00
V
VDET
Detector Threshold
4.581
4.650
4.719
V
ISS1
Supply Current1
VDD=6.00V
1.40
5.00
µA
ISS2
Supply Current2
VDD=4.75V
1.30
4.00
µA
ISS3
Supply Current3
VDD=4.55V
1.15
3.50
µA
VOH
“H” Output Voltage
VDD=4.75V, IOUT=-800µA
0.8×VDD 0.95×VDD
V
VOL
“L” Output Voltage
VDD=4.55V, IOUT=3.2mA
0.18
0.40
V
Tdelay
(*2)
Output Delay Time for
release
Refer to electrical characteristics by Output Delay Time for release
∆VDET/
∆Topt
Detector Threshold
Temperature Coefficient
-40°C ≤ Topt ≤ 85°C
±100
ppm/
°C


Similar Part No. - R3131N46HC

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3131N RICOH-R3131N Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
More results

Similar Description - R3131N46HC

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com