Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9604APA Datasheet(PDF) 11 Page - Sames

Part # SA9604APA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9604APA Datasheet(HTML) 11 Page - Sames

Back Button SA9604APA Datasheet HTML 7Page - Sames SA9604APA Datasheet HTML 8Page - Sames SA9604APA Datasheet HTML 9Page - Sames SA9604APA Datasheet HTML 10Page - Sames SA9604APA Datasheet HTML 11Page - Sames SA9604APA Datasheet HTML 12Page - Sames SA9604APA Datasheet HTML 13Page - Sames SA9604APA Datasheet HTML 14Page - Sames SA9604APA Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
dr-01464
Phas e 1
F
An y s e quenc e of 24 puls e’s is equal to 1 m e as urem en t cy c le
1m S
+5 V
0 V ( Vss)
Phas e 2
Phas e 3


Similar Part No. - SA9604APA

ManufacturerPart #DatasheetDescription
logo
Sames
SA9602 SAMES-SA9602 Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602 SAMES-SA9602 Datasheet
167Kb / 14P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602EPA SAMES-SA9602EPA Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602ESA SAMES-SA9602ESA Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9604APA

ManufacturerPart #DatasheetDescription
logo
Sames
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9103E SAMES-SA9103E Datasheet
125Kb / 14P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9603C SAMES-SA9603C Datasheet
214Kb / 18P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
   Three Phase Bidirectional Energy Metering IC
SA9904A SAMES-SA9904A Datasheet
160Kb / 12P
   Three Phase Power / Energy IC with SPI Interface
logo
List of Unclassifed Man...
SA9904B ETC-SA9904B Datasheet
106Kb / 12P
   Three Phase Power / Energy IC with SPI Interface
logo
Sames
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
   THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
   Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
logo
Analog Devices
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
   Active Energy Metering IC with Serial Interface
REV. 0
logo
Sames
SA9904B SAMES-SA9904B Datasheet
279Kb / 12P
   Three Phase Power Energy IC with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com