Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0387207511 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0387207511
Description  9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 11 Circuits, with Screw Clamp Washer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0387207511 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0387207511 Datasheet HTML 1Page - Molex Electronics Ltd. 0387207511 Datasheet HTML 2Page - Molex Electronics Ltd. 0387207511 Datasheet HTML 3Page - Molex Electronics Ltd. 0387207511 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0387207511
Status:
Active
Description:
9.53mm (.375") Pitch Beau™ PCB Terminal Strip, without Mounting Ends, 11 Circuits,
with Screw Clamp Washer
Documents:
3D Model
Product Specification PS-38710-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
38720
Application
Wire-to-Board
Component Type
One Piece
Product Name
Fixed Mount Barrier
Type
Barrier Strip
Physical
Circuits (Loaded)
11
Circuits (maximum)
11
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Horizontal
PC Tail Length (in)
0.190 In
PC Tail Length (mm)
4.80 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.125 In
PCB Thickness Recommended (mm)
3.18 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.375 In
Pitch - Mating Interface (mm)
9.53 mm
Pitch - Term. Interface (in)
0.375 In
Pitch - Term. Interface (mm)
9.53 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
No
Shrouded
Dual-Barrier
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +130°C
Wire Size AWG
12, 14, 16, 18, 20, 22
Wire Size mm²
0.50 - 2.50
Electrical
Current - Maximum per Contact
25A
Voltage - Maximum
300V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38720Series
Mates With
N/A


Similar Part No. - 0387207511

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0387207510 MOLEX5-0387207510 Datasheet
294Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 10 Circuits
0387207512 MOLEX5-0387207512 Datasheet
294Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 12 Circuits
0387207513 MOLEX5-0387207513 Datasheet
294Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 13 Circuits
0387207514 MOLEX5-0387207514 Datasheet
294Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount, Dual Row, Right Angle, with Solder Tab, 4 Circuits
0387207515 MOLEX5-0387207515 Datasheet
294Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 15 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com