Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9105AFA Datasheet(PDF) 7 Page - Sames

Part # SA9105AFA
Description  THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105AFA Datasheet(HTML) 7 Page - Sames

Back Button SA9105AFA Datasheet HTML 3Page - Sames SA9105AFA Datasheet HTML 4Page - Sames SA9105AFA Datasheet HTML 5Page - Sames SA9105AFA Datasheet HTML 6Page - Sames SA9105AFA Datasheet HTML 7Page - Sames SA9105AFA Datasheet HTML 8Page - Sames SA9105AFA Datasheet HTML 9Page - Sames SA9105AFA Datasheet HTML 10Page - Sames SA9105AFA Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SA9105A
sames
7/12
TYPICAL APPLICATION
In the Application Circuit (Figure 1), the components required for a three phase power
metering application are shown. Terminated current transformers are used for current
sensing.
The most important external components for the SA9105A integrated circuit are:
C
7, C9, C10 and C11 are the outer loop capacitors for the integrated oversampling
A/D converters. The typical value of C
7 is 2.2nF and the value of C9, C10 and C11 is
560pF.
The actual values determine the signal to noise and stability performance. The tolerances
should be within ± 10%.
C
4, C5, C6 and C8 are the inner loop capacitors for the integrated oversampling A/D
converters. The typical value of C
4, C5, C6 and C8 is 3.3nF. Values smaller than 0.5nF
and larger than 5nF should be avoided.
Terminated current sensors (current transformers) are connected to the current sensor
inputs of the SA9105A through current setting resistors (R
8 ..R13).
The resistor values should be selected for an input current of 16
µA into the SA9105A at
the rated line current.
The values of these resistors should be calculated as follows:
Phase 1:
R
8 = R9 = (IL1/16µA) * R18/2
Phase 2:
R
10 = R11 = (IL2/16µA) * R19/2
Phase 3:
R
12 = R13 = (IL3/16µA) * R20/2
Where I
LX
=
Secondary CT current at rated conditions.
R
18, R19 and R20
=
Current transformer termination resistors for the three phases.
R
1 + R1A, R4 and R15 set the current for the phase 1 voltage sense input.
R
2 + R2A, R5 +
P
5 and R16 set the current for phase 2 and R3 + R3A, R6 + P6 and R17 set the current for phase
3. The values should be selected so that the input current into the voltage sense inputs
(virtual ground) are set to 14
µA for nominal line voltage. Capacitors C1, C2 and C3 are
for decoupling and phase compensation.
R
14 + P14 defines all on-chip bias and reference currents. With R14+ P14 = 24kΩ, optimum
conditions are set. R
14 may be varied within ± 10% for calibration purposes. Any changes
to R
14 will affect the output quadratically (i.e:
∆R = +5%, ∆f = +10%).


Similar Part No. - SA9105AFA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
SA9105 TITAN-SA9105 Datasheet
185Kb / 13P
   Three-phase electron-electrIc circuit
logo
Sames
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
   THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105EFA SAMES-SA9105EFA Datasheet
123Kb / 12P
   THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105EPA SAMES-SA9105EPA Datasheet
123Kb / 12P
   THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
   THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9105AFA

ManufacturerPart #DatasheetDescription
logo
Sames
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
   THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
   Three Phase Energy Metering IC with Pulse Output
REV. PrB 08/01
logo
Sames
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
   THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
   THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
   SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
   THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
   Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
PM9105AFA SAMES-PM9105AFA Datasheet
108Kb / 10P
   THREE PHASE POWER/ENERGY METERING MODULE PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com