Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA8807A Datasheet(PDF) 11 Page - Sames

Part # SA8807A
Description  96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL (SPI) INTERFACE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA8807A Datasheet(HTML) 11 Page - Sames

Back Button SA8807A Datasheet HTML 6Page - Sames SA8807A Datasheet HTML 7Page - Sames SA8807A Datasheet HTML 8Page - Sames SA8807A Datasheet HTML 9Page - Sames SA8807A Datasheet HTML 10Page - Sames SA8807A Datasheet HTML 11Page - Sames SA8807A Datasheet HTML 12Page - Sames SA8807A Datasheet HTML 13Page - Sames SA8807A Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SA8807A
sames
11/14
5.
On-Chip LCD Voltage Divider Disable
The integrated divider for the LCD voltages can be disabled by applying a high level
on the EN input (EN = 1).
6.
Contrast Setting
The contrast may be adjusted by applying an external LCD voltage on input V1, with
the internal voltage divider activated.
7.
Oscillator
The on-chip oscillator circuit requires one external capacitor for operation. The
capacitor value is calculated as follows:
C = 7µF.1Hz/f
f = Required oscillator frequency
The backplane multiplex rate is f/8 for 4-backplane mode and f/6 for 3-backplane
mode.
TYPICAL APPLICATION
The Application Circuit (Figure 1) shows the connections for a typical application when
using a 12 digit (7 segment) display, plus decimal points.


Similar Part No. - SA8807A

ManufacturerPart #DatasheetDescription
logo
Sames
SA8803 SAMES-SA8803 Datasheet
84Kb / 10P
   LIGHT EMITTING DIODE DRIVER
SA8806A SAMES-SA8806A Datasheet
238Kb / 10P
   64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8806AFA SAMES-SA8806AFA Datasheet
238Kb / 10P
   64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
SA8806APA SAMES-SA8806APA Datasheet
238Kb / 10P
   64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
More results

Similar Description - SA8807A

ManufacturerPart #DatasheetDescription
logo
Sames
SA8806A SAMES-SA8806A Datasheet
238Kb / 10P
   64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
logo
National Semiconductor ...
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
   Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
   Liquid Crystal Display Driver
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
   Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
   LIQUID-CRYSTAL DISPLAY DRIVER
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
[Old version datasheet]   Liquid Crystal Display Driver
logo
Newhaven Display Intern...
NHD-0216K3Z-FSRGB-FBW-V3 NEWHAVEN-NHD-0216K3Z-FSRGB-FBW-V3 Datasheet
499Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0220D3Z-FL-GBW-V3 NEWHAVEN-NHD-0220D3Z-FL-GBW-V3 Datasheet
527Kb / 15P
   Serial Liquid Crystal Display Module
NHD-0216K3Z-NSRGB-FBW-V3 NEWHAVEN-NHD-0216K3Z-NSRGB-FBW-V3 Datasheet
499Kb / 15P
   Serial Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com