Electronic Components Datasheet Search |
|
MC145557 Datasheet(PDF) 5 Page - Motorola, Inc |
|
MC145557 Datasheet(HTML) 5 Page - Motorola, Inc |
5 / 20 page MC145554 •MC145557•MC145564•MC145567 MOTOROLA 5 complementary outputs. The output of the second amplifier may be internally connected to the input of the transmit anti– aliasing filter by bringing the ANLB pin high. The power am- plifiers can drive unbalanced 300 Ω loads or a balanced 600 Ω load; they may be powered down independent of the rest of the chip by tying the VPI pin to VBB. MASTER CLOCKS Since the codec–filter design has a single DAC architec- ture, only one master clock is used. In normal operation (both frame syncs clocking), the MCLKX is used as the master clock, regardless of whether the MCLKR/PDN pin is clocking or low. The same is true if the part is in transmit half–channel mode (FSX clocking, FSR held low). But if the codec–filter is in the receive half–channel mode, with FSR clocking and FSX held low, MCLKR is used for the internal master clock if it is clocking; if MCLKR is low, then MCLKX is still used for the internal master clock. Since only one of the master clocks is used at any given time, they need not be synchronous. T h e m a s t e r c l o c k f r e q u e n c y m u s t b e 1 . 5 3 6 M H z , 1.544 MHz, or 2.048 MHz. The frequency that the codec– filter expects depends upon whether the part is a Mu–Law or an A–Law part, and on the state of the BCLKR/CLKSEL pin. The allowable options are shown In Table 1. When a level (rather than a clock) is provided for BCLKR/CLKSEL, BCLKX is used as the bit clock for both transmit and receive. Table 1. Master Clock Frequency Determination BCLKR/CLKSEL Master Clock Frequency Expected BCLKR/CLKSEL MC145554/64 MC145557/67 Clocked, 1, or Open 1.536 MHz 1.544 MHz 2.048 MHz 0 2.048 MHz 1.536 MHz 1.544 MHz FRAME SYNCS AND DIGITAL I/O These codec–filters can accommodate both of the industry standard timing formats. The Long Frame Sync mode is used by Motorola’s MC145500 family of codec–filters and the UDLT family of digital loop transceivers. The Short Frame Sync mode is compatible with the IDL (Interchip Digital Link) serial format used in Motorola’s ISDN family and by other companies in their telecommunication devices. These codec–filters use the length of the transmit frame sync (FSX) to determine the timing format for both transmit and receive unless the part is operating in the receive half–channel mode. In the Long Frame Sync mode, the frame sync pulses must be at least three bit clock periods long. The DX and TSX outputs are enabled by the logical ANDing of FSX and BCLKX; when both are high, the sign bit appears at the DX output. The next seven rising edges of BCLKX clock out the remaining seven bits of the PCM word. The DX and TSX out- puts return to a high impedance state on the falling edge of the eighth bit clock or the falling edge of FSX, whichever comes later. The receive PCM word is clocked into DR on the eight falling BCLKR edges following an FSR rising edge. For Short Frame Sync operation, the frame sync pulses must be one bit clock period long. On the first BCLKX rising edge after the falling edge of BCLKX has latched FSX high, the DX and TSX outputs are enabled and the sign bit is pres- ented on DX. The next seven rising edges of BCLKX clock out the remaining seven bits of the PCM word; on the eighth BCLKX falling edge, the DX and TSX outputs return to a high impedance state. On the second falling BCLKR edge follow- ing an FSR rising edge, the receive sign bit is clocked into DR. The next seven BCLKR falling edges clock in the re- maining seven bits of the receive PCM word. Table 2 shows the coding format of the transmit and re- ceive PCM words. HALF–CHANNEL MODES In addition to the normal full–duplex operating mode, these codec–filters can operate in both transmit and receive half– channel modes. Transmit half–channel mode is entered by holding FSR low. The VFRO output goes to analog ground but remains in a low impedance state (to facilitate a hybrid interface); PCM data at DR is ignored. Holding FSX low while clocking FSR puts these devices in the receive half–channel mode. In this state, the transmit input operational amplifier continues to operate, but the rest of the transmit circuitry is disabled; the DX and TSX outputs remain in a high imped- ance state. MCLKR is used as the internal master clock if it is clocking. If MCLKR is not clocking, then MCLKX is used for the internal master clock, but in that case it should be syn- chronous with FSR. If BCLKR is not clocking, BCLKX will be used for the receive data, just as in the full–channel operat- ing mode. In receive half–channel mode only, the length of the FSR pulse is used to determine whether Short Frame Sync or Long Frame Sync timing is used at DR. POWER–DOWN Holding both FSX and FSR low causes the part to go into the power–down state. Power–down occurs approximately 2 ms after the last frame sync pulse is received. An alterna- tive way to put these devices in power–down is to hold the MCLKR/PDN pin high. When the chip is powered down, the DX, TSX, and GSX outputs are high impedance, the VFRO, VPO –, and VPO + operational amplifiers are biased with a trickle current so that their respective outputs remain stable at analog ground. To return the chip to the power–up state, MCLKR/PDN must be low or clocking and at least one of the frame sync pulses must be present. The DX and TSX outputs will remain in a high–impedance state until the second FSX pulse after power–up. Table 2. PCM Data Format Level Mu–Law (MC145554/64) A–Law (MC145557/67) Level Sign Bit Chord Bits Step Bits Sign Bit Chord Bits Step Bits + Full Scale 1 0 0 0 0 0 0 0 1 0 1 0 1 0 1 0 + Zero 1 1 1 1 1 1 1 1 1 1 0 1 0 1 0 1 – Zero 0 1 1 1 1 1 1 1 0 1 0 1 0 1 0 1 – Full Scale 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 0 |
Similar Part No. - MC145557 |
|
Similar Description - MC145557 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |