Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N152 Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # 3N152
Description  PWM/VFM Step-down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

3N152 Datasheet(HTML) 4 Page - RICOH electronics devices division

  3N152 Datasheet HTML 1Page - RICOH electronics devices division 3N152 Datasheet HTML 2Page - RICOH electronics devices division 3N152 Datasheet HTML 3Page - RICOH electronics devices division 3N152 Datasheet HTML 4Page - RICOH electronics devices division 3N152 Datasheet HTML 5Page - RICOH electronics devices division 3N152 Datasheet HTML 6Page - RICOH electronics devices division 3N152 Datasheet HTML 7Page - RICOH electronics devices division 3N152 Datasheet HTML 8Page - RICOH electronics devices division 3N152 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
12345
Rev. 1.11
- 4 -
n
n
n
n ELECTRICAL CHARACTERISTICS
lR1223N**2A(,C,E,G) Output Voltage : Vo
(Topt=25
°C)
Symbol
Item
Conditions
MIN.
TYP.
MAX. Unit
VIN
Operating Input Voltage
2.3
13.2
V
VOUT
Step-down Output Voltage
VIN=VCE=Vo+1.2V,IOUT=-10mA
Vo
´
0.98
Vo
Vo
´
1.02
V
DVOUT/
DT
Step-down Output Voltage
Temperature Coefficient
-40
°C £ Topt £ 85°C
±100
ppm
/
°C
fosc
Oscillator Frequency
VIN=VCE=Vo+1.2V,IOUT=-100mA
240
300
360
kHz
DfOSC/
DT
Oscillator Frequency
Temperature Coefficient
-40
°C £ Topt £ 85°C
±0.3
%
/
°C
IDD1
Supply Current1
VIN=13.2V,VCE=13.2V,VOUT=13.2V
100
160
mA
Istb
Standby Current
VIN=13.2V,VCE=0V,VOUT=0V
0
0.5
mA
IEXTH
EXT "H" Output Current
VIN=8V,VEXT=7.9V,VOUT=8V,VCE=8V
-10
-6
mA
IEXTL
EXT "L" Output Current
VIN=8V,VEXT=0.1V,VOUT=0V,VCE=8V
10
20
mA
ICEH
CE "H" Input Current
VIN=13.2V,VCE=13.2V,VOUT=13.2V
0
0.5
mA
ICEL
CE "L" Input Current
VIN=13.2V,VCE=0V,VOUT=13.2V
-0.5
0
mA
VCEH
CE "H" Input Voltage
VIN=8V,VOUT=0V
®1.5V
0.8
1.2
V
VCEL
CE "L" Input Voltage
VIN=8V,VOUT=1.5V
®0V
0.3
0.8
V
Maxdty
Oscillator Maximum Duty Cycle
100
%
VFMdty
VFM Duty Cycle
only for A, E version
25
%
Tstart
Delay Time by Soft-Start function
VIN= Vo+1.2V, VCE=0V
®Vo+1.2V
specified at 80% for rising edge
510
16
ms
Tprot
Delay Time for protection circuit
VIN=VCE=Vo+1.2V
VOUT= Vo+1.2V
®0V
13
5
ms


Similar Part No. - 3N152

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3N150S ISC-3N150S Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
3N153 ETC-3N153 Datasheet
148Kb / 3P
   SILICON INSULATED GATE FIELD EFFECT TRANSISTOR
3N154 ETC-3N154 Datasheet
252Kb / 4P
   SILICON MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
3N155 NJSEMI-3N155 Datasheet
184Kb / 2P
   MOSFET SWITCHING
3N156 NJSEMI-3N156 Datasheet
184Kb / 2P
   MOSFET SWITCHING
More results

Similar Description - 3N152

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com