Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5RJ4036B Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RS5RJ4036B
Description  VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5RJ4036B Datasheet(HTML) 3 Page - RICOH electronics devices division

  RS5RJ4036B Datasheet HTML 1Page - RICOH electronics devices division RS5RJ4036B Datasheet HTML 2Page - RICOH electronics devices division RS5RJ4036B Datasheet HTML 3Page - RICOH electronics devices division RS5RJ4036B Datasheet HTML 4Page - RICOH electronics devices division RS5RJ4036B Datasheet HTML 5Page - RICOH electronics devices division RS5RJ4036B Datasheet HTML 6Page - RICOH electronics devices division RS5RJ4036B Datasheet HTML 7Page - RICOH electronics devices division RS5RJ4036B Datasheet HTML 8Page - RICOH electronics devices division RS5RJ4036B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2
SELECTION GUIDE
In the RS5RJ Series, the output voltage, the detector threshold, the version symbols, and the taping type for
the ICs can be selected at the user's request.
The selection can be made by designating the part number as shown below:
For example, the product with Output Voltage 5.0V, Detector Threshold 4.5V, Version A, and Taping Type T1,
is designated by Part Number RS5RJ5045A-T1.
RS5RJ
BLOCK DIAGRAM
+
+
+
VSS
CE
VDOUT
VDIN
Vref1
Vref2
VFM
OSC
1
2
3
4
5
6
7
8
LX
EXT
VDD
VOUT
VLX Limiter
RS5RJ
××××× ×× ← Part Number
↑↑ ↑
ab c
d
Code
Contens
Setting Output Voltage (VOUT):
a
Stepwise setting with a step of 0.6V in the range of 1.5V to 6.0V is possible.
b
Setting Detector Threshold Voltage (–VDET):
Stepwise setting with a step of 0.1V in the range of 1.2V to 5.0V is possible.
Designation of Version Symbols:
c
A:
Operation of all the internal circuits is stopped by setting CE pin at VDD level.
B:
Operation of only Step-up DC/DC converter is stopped by setting CE pin atVDD level.
Designation of Taping Type:
d
Ex. 8pin SOP
: T1, T2
(refer to Taping Specification)
“T2” is prescribed as a standard.


Similar Part No. - RS5RJ4036B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5RM RICOH-RS5RM Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
RS5RM3027A RICOH-RS5RM3027A Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
RS5RM3027A-T1 RICOH-RS5RM3027A-T1 Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
RS5RM3027A-T2 RICOH-RS5RM3027A-T2 Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
RS5RM3027B RICOH-RS5RM3027B Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
More results

Similar Description - RS5RJ4036B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5RM RICOH-RS5RM Datasheet
213Kb / 30P
   PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com