Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5RM3531A Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RS5RM3531A
Description  PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5RM3531A Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RS5RM3531A Datasheet HTML 5Page - RICOH electronics devices division RS5RM3531A Datasheet HTML 6Page - RICOH electronics devices division RS5RM3531A Datasheet HTML 7Page - RICOH electronics devices division RS5RM3531A Datasheet HTML 8Page - RICOH electronics devices division RS5RM3531A Datasheet HTML 9Page - RICOH electronics devices division RS5RM3531A Datasheet HTML 10Page - RICOH electronics devices division RS5RM3531A Datasheet HTML 11Page - RICOH electronics devices division RS5RM3531A Datasheet HTML 12Page - RICOH electronics devices division RS5RM3531A Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
8
RS5RM
+
+
LX Tr
LX
PWM
OSC
Vref1
Vref2
Pch Tr
VSS
100µF
100µH
VDD
VOUT
VOUT
VIN
22µF
1µF
5
1
86
FIG. A Diagram of RS5RM including external circuits
OPERATION
1. VDD Output Voltage
VDD output voltage is shown in Fig. B.
(1) In the case of VIN–Vf
≥VDD0:
In Area B, LxTr is maintained in an OFF state, so that VIN–Vf (V) is output as it is from VDD pin without
step-up operation.
(2) In the case of VIN–Vf<VDD0:
In Area A, this IC functions as Step-up DC/DC converter. The step-up operation will now be explained with
reference to FIG. A. The step-up operation is an operation for regulating the VDD output voltage by com-
paring Vref1 and the VDD output voltage by error amplifier circuits and subjecting LxTr to on-time control
by PWM circuits (i.e., by controlling the step-up operation).
2. VOUT Output Voltage
A constant voltage is output from VOUT pin, with above-mentioned the VDD output voltage being subjected to a
step-down operation by a linear regulator. This step-down operation will now be explained with reference to FIG. A.
The step-down operation is an operation for regulating the VDD output voltage by Pch Tr by comparing Vref2 and
the VDD output voltage.
VIN
: Input Voltage
VDD0: VDD Set Voltage
VOUT0: VOUT Set Voltage
Vf
: ON Voltage of Diode
Area A
VDD0
VDD
Area B
VOUT
VDD0+Vf
1.2V
10V
Input Voltage (V)
VOUT0
FIG. B Output Voltage vs. Input Voltage characteristic


Similar Part No. - RS5RM3531A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5RJ RICOH-RS5RJ Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027A RICOH-RS5RJ3027A Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027A-T1 RICOH-RS5RJ3027A-T1 Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027A-T2 RICOH-RS5RJ3027A-T2 Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
RS5RJ3027B RICOH-RS5RJ3027B Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
More results

Similar Description - RS5RM3531A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5RJ RICOH-RS5RJ Datasheet
214Kb / 30P
   VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
   Step-up DC/DC Converter with Voltage Detector
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com