Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C387A-E2 Datasheet(PDF) 5 Page - RICOH electronics devices division

Part No. RV5C387A-E2
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A-E2 Datasheet(HTML) 5 Page - RICOH electronics devices division

  RV5C387A-E2 Datasheet HTML 1Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 2Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 3Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 4Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 5Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 6Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 7Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 8Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
PRELIMINARY
RV5C387A
12345
- 5 -
9.
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified : VSS=0V,Topt=-40 to +85
°C
Input and Output Conditions : VIH=0.8
×VDD,VIL=0.2×VDD,VOH=0.8×VDD,VOL=0.2×VDD,CL=50pF
VDD
≥2.0V
VDD
≥2.5V
Symbol
Item
Condi-
tions
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fSCL
SCL Clock Frequency
100
400
KHz
tLOW
SCL Clock Low Time
4.7
1.3
µs
tHIGH
SCL Clock High Time
4.0
0.6
µs
tHD;STA
Start Condition Hold Time
4.0
0.6
µs
tSU;STO
Stop Condition Set Up Time
4.0
0.6
µs
tSU;STA
Start Condition Set Up Time
4.7
0.6
µs
tSU;DAT
Data Set Up Time
250
200
ns
tHD;DAT
Data Hold Time
0
0
ns
tPL;DAT
SDA “L” Stable Time
After Falling of SCL
2.0
0.9
µs
tPZ;DAT
SDA off Stable Time
After Falling of SCL
2.0
0.9
µs
tR
Rising Time of SCL and
SDA (input)
1000
300
ns
tF
Falling Time of SCL and
SDA (input)
300
300
ns
tSP
Spike Width that can be
removed with Input Filter
50
50
ns
SDA(OUT)
SCL
S
Sr
P
tPZ;DAT
tHIGH
tSU;DAT
tHD;STA
tSP
tSU;STO
tLOW
tSU;STA
SDA(IN)
tHD;STA
tPL;DAT
Sr
P
Stop Condition
S
Start Condition
Repeated Start Condition
tHD;DAT


Similar Part No. - RV5C387A-E2

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A-E2

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Golledge Electronics Ltd
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz