Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C387A-E2 Datasheet(PDF) 22 Page - RICOH electronics devices division

Part No. RV5C387A-E2
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A-E2 Datasheet(HTML) 22 Page - RICOH electronics devices division

Back Button RV5C387A-E2 Datasheet HTML 18Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 19Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 20Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 21Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 22Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 23Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 24Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 25Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 26Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 22 -
14.1.4.
Data transmission read format of the RV5C387A
The RV5C387A allows the following three readout method of data an internal register.
1) The first method to reading data from the internal register is to specify an internal address by setting the
internal address pointer and the transmission format register described 14.1.3, generate the Repeated
Start Condition (See section 14.1.2-(3)) to change the data transmission direction to perform reading.
The internal address pointer is set to Fh when the Stop Condition is met. Therefore, this method of
reading allows no insertion of Stop Condition before the Repeated Start Condition.
Set 0h to the
Transmission Format Register when this method used.
1
S
0
A
A
Data
/A P
Example 1 of Data Read (when data is read from 2h to 4h)
Master to slave
Slave to master
S
Start Condition
Sr
Repeated Start
Condition
A
A
/A
Acknowledge signal
Address
Pointer
←2h
Repeated Start Condition
0
1
0
0
0
1
1
0 0 0
0
0
0
1
Transmission
Format
Register
←0h
Sr
1
0
A
Slave Address
← (0110010)
1
0
0 0
0
1
A
Data
A
Data
Reading of data from
the internal address 3h
R/W=1(Read)
R/W=0(Write)
P
Stop Condition
Slave Address
← (0110010)
Reading of data from
the internal address 4h
Reading of data from
the internal address 2h


Similar Part No. - RV5C387A-E2

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A-E2

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Golledge Electronics Ltd
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz