Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A-E2 Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # RV5C387A-E2
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A-E2 Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button RV5C387A-E2 Datasheet HTML 17Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 18Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 19Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 20Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 21Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 22Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 23Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 24Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PRELIMINARY
RV5C387A
12345
- 21 -
14.1.3.
Data Transmission Write Format in the RV5C387A
Although the I
2C-Bus standard defines a transmission format for the slave allocated for each IC, transmission
method of address information in IC is not defined. The RV5C387A transmits data the internal address
pointer (4bit) and the Transmission Format Register (4bit) at the 1byte next to one which transmitted a Slave
Address and a write command.
For write operation only one transmission format is available and (0000) is
set to the Transmission Format Register.
The 3byte transmits data to the address specified by the internal
address pointer written to the 2byte.
Internal address pointer setting are automatically incremented for
4byte and after.
Note that when the internal address pointer is Fh, it will change to 0h on transmitting the
next byte.
1
A
S
0
A
Data
A
Data
A P
Example of data writing (When writing to internal address Eh to Fh)
Master to slave
Slave to master
S
Start Condition
P
Stop Condition
A
A
/A
Acknowledge signal
Address
Pointer
←Eh
R/W=0(Write)
Slave Address
←(0110010)
1
1
0
0
0
0
0
0 0 0
0
1 1
1
Transmission
Format
Register
0h
Writing of data to the
internal address Fh
Writing of data to the
internal address Eh


Similar Part No. - RV5C387A-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com