Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C387A-E2 Datasheet(PDF) 19 Page - RICOH electronics devices division

Part No. RV5C387A-E2
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A-E2 Datasheet(HTML) 19 Page - RICOH electronics devices division

Back Button RV5C387A-E2 Datasheet HTML 15Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 16Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 17Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 18Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 19Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 20Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 21Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 22Page - RICOH electronics devices division RV5C387A-E2 Datasheet HTML 23Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
PRELIMINARY
RV5C387A
12345
- 19 -
Calculation example is shown below:
Pull-up resistor (Rp) = 10k
Ω, Bus capacity = 50pF(both for SCL, SDA), Vdd=3v,
In a system with sum of input current and off-state output current of each pin = 0.1
µA,
I
2C-Bus is used for 10ms every second while the rest of 990ms in the stand-by mode,
In this mode, number of transitions of the SCL pin from “H” to “L” state is 100 while SDA 50, every second.
Bus consumption current
0.1
µA×990msec
990msec + 10msec
+
3V
× 10msec × 2
10K
Ω × 2 × (990msec + 10msec)
+ 3V
× 50pF × (100 + 50)
≈ 0.099µA + 3.0µA + 0.0225µA ≈ 3.12µA
Generally, the second member of the above formula is larger enough than the first and the third members,
bus consumption current may be determined by the second member is many cases.
14.1.2.
Transmission System of I
2C-Bus
(1) Start Condition and Stop Condition
In I
2C-Bus, SDA must be kept at a certain state while SCL is at the “H” state during data transmission as
shown below.
SCL
SDA
tSU;DAT
tHD;DAT
The SCL and SDA pins are at the “H” level when no data transmission is made. Changing the SDA from “H” to
“L” when the SCL and the SDA are “H” activates the Start Condition and access is started. Changing the SDA
from “L” to “H” when the SCL is “H” activates Stop Condition and accessing stopped. Generation of Start and
Stop Conditions are always made by the master (see the figure below).
SCL
SDA
tHD;STA
tSU;STO
Start Condition
Stop Condition
(2) Data transmission and its acknowledge
After Start condition is entered, data is transmitted by 1byte (8bits). Any bytes of data may be serially
transmitted. The receiving side will send an acknowledge signal to the transmission side each time 8bit data
is transmitted.
The acknowledge signal is sent immediately after falling to “L” of SCL 8bit clock pulses of
data is transmitted, by releasing the SDA by the transmission side that has asserted the bus at that time and
by turning SDA to “L” by receiving side.
When transmission of 1byte data next to preceding 1byte of data is
received the receiving side releases the SDA pin at falling edge of the SCL 9bit of clock pulses or when the
receiving side switches to the transmission side it starts data transmission.
When the master is receiving
side, it generates no acknowledge signal after last 1byte of data from the slave to tell the transmitter that data


Similar Part No. - RV5C387A-E2

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A-E2

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Golledge Electronics Ltd
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz