Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1221N15AH-TR Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1221N15AH-TR
Description  Step-down DC/DC Converter with Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1221N15AH-TR Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1221N15AH-TR Datasheet HTML 1Page - RICOH electronics devices division R1221N15AH-TR Datasheet HTML 2Page - RICOH electronics devices division R1221N15AH-TR Datasheet HTML 3Page - RICOH electronics devices division R1221N15AH-TR Datasheet HTML 4Page - RICOH electronics devices division R1221N15AH-TR Datasheet HTML 5Page - RICOH electronics devices division R1221N15AH-TR Datasheet HTML 6Page - RICOH electronics devices division R1221N15AH-TR Datasheet HTML 7Page - RICOH electronics devices division R1221N15AH-TR Datasheet HTML 8Page - RICOH electronics devices division R1221N15AH-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
12345
Rev. 1.11
- 2 -
n BLOCK DIAGRAM
OSC
VIN
EXT
GND
VOUT
Vref
Vref
CE
Chip Enable
Soft Start
Protection
PWM/VFM
CONTROL
VDOUT
n SELECTION GUIDE
In the R1221N Series, the output voltage, the detector threshold, the oscillator frequency, the optional
function, and the taping type for the ICs can be selected at the user’s request.
The selection can be made by designating the part number as shown below;
R1221NXXXX-TR
- - -
a b c
Code
Contents
a
Setting Output Voltage(VOUT):
Stepwise setting with a step of 0.1V in the range of 1.5V to 5.0V is possible.
b
Setting Detector Threshold(-VDET)
Stepwise setting with a step of 0.1V in the range of 1.2V to 4.5V is possible.
A:3.0V
c
Designation of Oscillator Frequency and Optional Function
A:300kHz, with a PWM/VFM alternative circuit, Latch-type protection
B:500kHz, with a PWM/VFM alternative circuit, Latch-type protection
C:300kHz, without a PWM/VFM alternative circuit, Latch-type protection
D:500kHz, without a PWM/VFM alternative circuit, Latch-type protection
E:300kHz, with a PWM/VFM alternative circuit, Reset-type protection
F:500kHz, with a PWM/VFM alternative circuit, Reset-type protection
G:300kHz, without a PWM/VFM alternative circuit, Reset-type protection
H:500kHz, without a PWM/VFM alternative circuit, Reset-type protection


Similar Part No. - R1221N15AH-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A RICOH-R1223N152A Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A-TR RICOH-R1223N152A-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C RICOH-R1223N152C Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C-TR RICOH-R1223N152C-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
More results

Similar Description - R1221N15AH-TR

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
   Step-up DC/DC Converter with Voltage Detector
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com