Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0307001168 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0307001168
Description  2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64™ High Density AutomotiveConnectors, Dual Row, Female Harness Assembly, 16 Circuits, Polarization Option 2Black,
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX4 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0307001168 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0307001168
Status:
Active
Overview:
hdac_64_dualrow_high_density_automotive_connectors
Description:
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64™ High Density Automotive
Connectors, Dual Row, Female Harness Assembly, 16 Circuits, Polarization Option 2,
Black
Documents:
Drawing (PDF)
Product Specification PS-30968-0001 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-30700-0001 (PDF)
General
Product Family
Crimp Housings
Series
30700
Comments
Polarization Option 2
Overview
hdac_64_dualrow_high_density_automotive_connectors
Product Name
H-DAC 64™
Physical
Circuits (maximum)
16
Color - Resin
Black, Red
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene Alloy, Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
7A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-30907-417
Product Specification
PS-30700-0001, PS-30968-0001
Sales Drawing
SD-30700-120
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30700Series
Mates With
30700 Header, 30968 Crimp Housing
Use With
34230 Terminal
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn