Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 25 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 25 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 21Page - RICOH electronics devices division RV5C387A Datasheet HTML 22Page - RICOH electronics devices division RV5C387A Datasheet HTML 23Page - RICOH electronics devices division RV5C387A Datasheet HTML 24Page - RICOH electronics devices division RV5C387A Datasheet HTML 25Page - RICOH electronics devices division RV5C387A Datasheet HTML 26Page - RICOH electronics devices division RV5C387A Datasheet HTML 27Page - RICOH electronics devices division RV5C387A Datasheet HTML 28Page - RICOH electronics devices division RV5C387A Datasheet HTML 29Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
PRELIMINARY
RV5C387A
12345
- 25 -
14.1.5.
Data Transmission under Special Condition
The RV5C387A holds the clock tentatively for duration from Start Condition to avoid invalid read or write
clock on carrying clock.
When clock carried during this period, which will be adjusted within approx. 61
µs
from Stop Condition.
To prevent invalid read or write, clock shall be made during one transmission
operation (from Start Condition to Stop Condition).
When 0.5 to 1.0 second elapses after Start Condition,
any access to the RV5C387A is automatically released to release tentative hold of the clock, and access from
the CPU is forced to be terminated (The same action as made Stop Condition is received: automatic resume
function from I
2C-Bus interface). Therefore, one access must be complete within 0.5 seconds. The
automatic resume function prevents delay in clock even if SCL is stopped from sudden failure of the system
during clock read operation.
Also a second Start Condition after the first Start Condition and before the Stop Condition is regarded
“Repeated Start Condition”.
Therefore, when 0.5 to 1.0 seconds passed after the first Start Condition, an
access to the RV5C387A is automatically released.
If access is tried after automatic resume function is activated, no acknowledge signal will be output for writing
while FFh will be output for reading.
The user shall always be able to access the real-time clock as long as three conditions are met.
(1) No Stop Condition shall be generated until clock read/write is started and completed.
(2) One cycle read/write operation shall be complete within 0.5 seconds.
(3) Do not make Start Condition within 61
µs from Stop Condition. When clock is carried during the access,
which will be adjusted within approx. 61
µs from Stop Condition.
Bad example of reading from seconds to hours (invalid read)
(Start Condition)
→ (Read of seconds) → (read of minutes) → (Stop Condition) → (Start Condition) → (Read
of hour)
→ (Stop Condition)
Assuming read was started at 05:59:59 P.M. and while reading seconds and minutes the time advanced to
06:00:00 P.M. At this time second digit is hold so read the read as 05:59:59. Then the RV5C387A confirms
(Stop Condition) and carries second digit being hold and the time change to 06:00:00 P.M. Then, when the
hour digit is read, it changes to 6. The wrong results of 06:59:59 will be read.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com