Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet(PDF) 39 Page - RICOH electronics devices division

Part # RV5C386A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 39 Page - RICOH electronics devices division

Back Button RV5C386A Datasheet HTML 34Page - RICOH electronics devices division RV5C386A Datasheet HTML 35Page - RICOH electronics devices division RV5C386A Datasheet HTML 36Page - RICOH electronics devices division RV5C386A Datasheet HTML 37Page - RICOH electronics devices division RV5C386A Datasheet HTML 38Page - RICOH electronics devices division RV5C386A Datasheet HTML 39Page - RICOH electronics devices division RV5C386A Datasheet HTML 40Page - RICOH electronics devices division RV5C386A Datasheet HTML 41Page - RICOH electronics devices division RV5C386A Datasheet HTML 42Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
PRELIMINARY
RV5C386A
12345
- 39 -
14.8.
Typical Software-based Operations
14.8.1.
Initialization at Power-on
Start
*1)
Yes
No
VDET=0?
Warning Back-up
Battery Run-down
Set Oscillation Adjustment
Register and Control
Register 1 and 2, etc.
Power-on
*2)
*4)
*3)
XSTP=1?
Yes
No
*1) After power-on from 0 volt, the start of oscillation and the process of internal initialization require a time span
on the order of 1 to 2sec, so that access should be done after the lapse of this time span or more.
*2) The XSTP bit setting of 0 in the Control Register 1 indicates power-on from backup battery and not from 0v.
The XSTP bit may fail to be set to 1 in the presence of any excessive chattering in power supply in such
events as installing backup battery.
Should there be any possibility of this failure occurring, it is
recommended to initialize Model RV5C386A RTCs regardless of the current XSTP bit setting.
For further
details, see "14.3. Oscillation Halt Sensing and Supply Voltage Monitoring".
*3) This step is not required when the supply voltage monitoring circuit is not used.
*4) This step involves ordinary initialization including the Oscillation Adjustment Register and interrupt cycle
settings, etc.
14.8.2.
Writing of Time and Calendar Data
Write to Time Counter and
Calendar Counter
*2)
Stop Condition
*3)
Start Condition
*1)
*1) When writing to clock and calendar counters, do not insert Stop Condition
until all times from second to year have been written to prevent error in
writing time. (Detailed in "14.1.5. Data Transmission under Special
Condition".
*2) Any writing to the second counter will reset divider units lower than the
second digits.
*3) Take care so that process from Start Condition to Stop Condition will be
complete within 0.5sec.
(Detailed in "14.1.5. Data Transmission under
Special Condition".
The RV5C386A may also be initialized not at power-on but in the process
of writing time and calendar data.


Similar Part No. - RV5C386A

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C386A

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Golledge Electronics Ltd
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com