Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet(PDF) 36 Page - RICOH electronics devices division

Part No. RV5C386A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 36 Page - RICOH electronics devices division

Back Button RV5C386A Datasheet HTML 32Page - RICOH electronics devices division RV5C386A Datasheet HTML 33Page - RICOH electronics devices division RV5C386A Datasheet HTML 34Page - RICOH electronics devices division RV5C386A Datasheet HTML 35Page - RICOH electronics devices division RV5C386A Datasheet HTML 36Page - RICOH electronics devices division RV5C386A Datasheet HTML 37Page - RICOH electronics devices division RV5C386A Datasheet HTML 38Page - RICOH electronics devices division RV5C386A Datasheet HTML 39Page - RICOH electronics devices division RV5C386A Datasheet HTML 40Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
RV5C386A
PRELIMINARY
12345
- 36 -
14.6.2.
Connection of /INTRA and /INTRB Pin
The /INTRA and /INTRB pins follow the N-channel open drain output logic and contains no protective diode
on the power supply side.
As such, it can be connected to a pull-up resistor of up to 5.5 volts regardless of
supply voltage.
VDD
OSCIN
OSCOUT
/INTRA or /INTRB
*1)
32768Hz
B
A
Backup power supply
System power supply
VSS
14.6.3.
Connection of 32KOUT Pin
As the 32KOUT pin is CMOS output, the power supply voltage of the RV5C386A and any devices to be
connected to the 32KOUT should be same. When the devices is powered down, the 32KOUT output should
be disabled.
When the CLKC pin is connected to the system power supply through the pull-up resistor, the pull-up resistor
should be 0
Ω to 10kΩ, and the 32KOUT pin should be connect to the host through the resistor (approx.
10k
Ω).
VDD
OSCIN
OSCOUT
CLKC
VSS
32768Hz
System power supply
32KOUT
RN5VL
XXC
Back-up power supply
VDD
OSCIN
OSCOUT
Host
VSS
32768Hz
Back-up power supply
System power supply
Approx. 10K
32KOUT
0 to10K
CLKC
*1) Depending on whether the /INTRA and /INTRB
pins are to be used during battery backup, it should
be connected to a pull-up resistor at the following
different positions:
(1) Position A in the left diagram when it is not to be
used during battery backup.
(2) Position B in the left diagram when it is to be used
during battery backup.


Similar Part No. - RV5C386A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C386A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Golledge Electronics Ltd
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz