Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part No. RV5C386A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 3 Page - RICOH electronics devices division

  RV5C386A Datasheet HTML 1Page - RICOH electronics devices division RV5C386A Datasheet HTML 2Page - RICOH electronics devices division RV5C386A Datasheet HTML 3Page - RICOH electronics devices division RV5C386A Datasheet HTML 4Page - RICOH electronics devices division RV5C386A Datasheet HTML 5Page - RICOH electronics devices division RV5C386A Datasheet HTML 6Page - RICOH electronics devices division RV5C386A Datasheet HTML 7Page - RICOH electronics devices division RV5C386A Datasheet HTML 8Page - RICOH electronics devices division RV5C386A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PRELIMINARY
RV5C386A
12345
- 3 -
5.
PIN DESCRIPTION
Symbol
Item
Description
SCL
Serial
Clock Line
The SCL pin is used to input clock pulses synchronizing the input and output
of data to and from the SDA pin. Allows a maximum input voltage of 5.5
volts regardless of supply voltage.
SDA
Serial
Data Line
The SDA pin is used to input or output data intended for writing or reading in
synchronization with the SCL pin. Up to 5.5v beyond VDD may be input.
This pin functions as an Nch open drain output.
/INTRA
Interrupt
Output A
The /INTRA pin is used to output periodic interrupt signals to the CPU and
alarm interrupt (Alarm_D) signals.
Disabled at power-on from 0 volts.
Nch.
open drain output.
/INTRB
Interrupt
Output B
The /INTRB pin is used to output alarm interrupt (Alarrm_W) signals to the
CPU.
Disabled at power-on from 0 volts.
Nch. open drain output.
32KOUT
32kHz Clock
Output
The 32KOUT pin is used to output 32.768-kHz clock pulses.
Enabled at
power-on from 0 volts. CMOS output.
The output is disabled if the CLKC pin
is set to Low or open.
CLKC
Clock control
input
The CLKC pin is used to control output of the 32KOUT pin.
The clock output
is disabled and held low when the pin is set to low or open.
Incorporates a
pull-down resistor.
OSCIN
OSCOUT
Oscillation
Circuit
Input / Output
The OSCIN and OSCOUT pins are used to connect the 32.768-kHz crystal
oscillator (with all other oscillation circuit components built into the
RV5C386A).
VDD
VSS
Positive Power
Supply Input
Negative Power
Supply Input
The VDD pin is connected to the power supply.
The VSS pin is grounded.
6.
ABSOLUTE MAXIMUM RATINGS
(VSS=0V)
Symbol
Item
Pin Name
Description
Unit
VDD
Supply Voltage
-0.3 to +6.5
V
VI
Input Voltage
SCL, SDA, CLKC
-0.3 to +6.5
V
Output Voltage 1
SDA, /INTRA, /INTRB
-0.3 to +6.5
V
VO
Output Voltage 1
32KOUT
-0.3 to VDD+0.3
V
PD
Power Dissipation
Topt = 25
°C
300
mW
Topt
Operating Temperature
-40 to +85
°C
Tstg
Storage Temperature
-55 to +125
°C
7.
RECOMMENDED OPERATING CONDITIONS
(VSS=0V, Topt=-40 to +85
°C)
Symbol
Item
Pin Name
Min,
Typ.
Max.
Unit
VDD
Supply Voltage
2.0
5.5
V
VCLK
Timekeeping Voltage
1.45
5.5
V
fXT
Oscillation Frequency
32.768
kHz
VPUP
Pull-up Voltage
SCL, SDA, /INTRA,
/INTRB
5.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn