Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet(PDF) 18 Page - RICOH electronics devices division

Part No. RV5C386A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 18 Page - RICOH electronics devices division

Back Button RV5C386A Datasheet HTML 14Page - RICOH electronics devices division RV5C386A Datasheet HTML 15Page - RICOH electronics devices division RV5C386A Datasheet HTML 16Page - RICOH electronics devices division RV5C386A Datasheet HTML 17Page - RICOH electronics devices division RV5C386A Datasheet HTML 18Page - RICOH electronics devices division RV5C386A Datasheet HTML 19Page - RICOH electronics devices division RV5C386A Datasheet HTML 20Page - RICOH electronics devices division RV5C386A Datasheet HTML 21Page - RICOH electronics devices division RV5C386A Datasheet HTML 22Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
RV5C386A
PRELIMINARY
12345
- 18 -
14.
USAGE
14.1.
Interfacing with the CPU
The RV5C386A employs the I
2C-Bus system to be connected to the CPU via 2-wires. Connection and
system of I
2C-Bus are described in the following sections.
14.1.1.
Connection of I
2C-Bus
2-wires, SCL and SDA pins that are connected to I2C-Bus are used for transmit clock pulses and data
respectively.
All ICs that are connected to these lines are designed that will not be clamped when a voltage
beyond supply voltage is applied to input or output pins. Open drain pins are used for output. This
construction allows communication of signals between ICs with different supply voltages by adding a pull-up
resistor to each signal line as shown in the figure below.
Each IC is designed not to affect SCL and SDA
signal lines when power to each of these is turned off separately.
Micro-
Controller
RV5C386A
Other
Peripheral
Device
VDD1
VDD2
VDD3
VDD4
SCL
SDA
* For data interface, the following conditions
must be met:
VDD4
≥VDD1
VDD4
≥VDD2
VDD4
≥VDD3
* When the master is one, the micro-
controller is ready for driving SCL to “H” and
Rp of SCL may not be required.
Rp
Rp
Cautions on determining Rp resistance,
(1) Dropping voltage at Rp due to sum of input current or output current at off conditions on each IC pin
connected to the I
2C-Bus shall be adequately small.
(2) Rising time of each signal be kept short even when all capacity of the bus is driven.
(3) Current consumed in I
2C-Bus is small compared to the consumption current permitted for the entire
system.
When all ICs connected to I
2C-Bus are CMOS type, condition (1) may usually be ignored since input current
and off-state output current is extremely small for the many CMOS type ICs.
Thus the maximum resistance
of Rp may be determined based on (2), while the minimum on (3) in most cases.
In actual cases a resistor may be place between the bus and input/output pins of each IC to improve noise
margins in which case the Rp minimum value may be determined by the resistance.
Consumption current in the bus to review (3) above may be expressed by the formula below:
Bus consumption current
(Sum of input current and off state output current of all devices in standby mode )
× Bus standby duration
Bus stand-by duration + the Bus operation duration
+
Supply voltage
× Bus operation duration × 2
Rp resistance
× 2 × (Bus stand-by duration + bus operation duration)
+ Supply voltage
× Bus capacity × Charging/Discharging times per unit time
Operation of “
× 2” in the second member denominator in the above formula is derived from assumption that
“L” duration of SDA and SCL pins are the half of bus operation duration.
× 2” in the numerator of the same
member is because there are two pins of SDA and SCL.
The third member, (charging/discharging times per
unit time) means number of transition from “H” to “L” of the signal line.


Similar Part No. - RV5C386A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C386A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Golledge Electronics Ltd
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
   Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
   Real Time Clock - I2C Bus
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz