Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C339A Datasheet(PDF) 45 Page - RICOH electronics devices division

Part No. RV5C339A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C339A Datasheet(HTML) 45 Page - RICOH electronics devices division

Back Button RV5C339A Datasheet HTML 41Page - RICOH electronics devices division RV5C339A Datasheet HTML 42Page - RICOH electronics devices division RV5C339A Datasheet HTML 43Page - RICOH electronics devices division RV5C339A Datasheet HTML 44Page - RICOH electronics devices division RV5C339A Datasheet HTML 45Page - RICOH electronics devices division RV5C339A Datasheet HTML 46Page - RICOH electronics devices division RV5C339A Datasheet HTML 47Page - RICOH electronics devices division RV5C339A Datasheet HTML 48Page - RICOH electronics devices division RV5C339A Datasheet HTML 49Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
RV5C339A
42
7.5 Oscillation Frequency Deviation vs. External CG
0
5
10
15
20
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
External CG(pF)
(VDD=3V, Topt=25˚C,
External CG=0pF as standard)
7.6 Oscillation Frequency Deviation vs. Supply Voltage
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
1
2
3
4
5
6
Supply Voltage VDD(V)
(Topt=25˚C, VDD=3V as standard)
7.7 Oscillation Frequency Deviation vs.
Operating Temperature
–60 –40 –20
0
20
40
60
80 100
20
0
–20
–40
–60
–80
–100
–120
–140
Operating Temperature Topt(˚C)
(VDD=3V, Topt=25˚C as standard)
Supply Voltage VDD(V)
500
400
300
200
100
0
0
1
2
3
4
5
6
(Topt=25˚C)
7.9 VOL vs. IOL (INTRA, INTRB, 32KOUT Pin)
VDD=5V
30
25
20
15
10
5
0
0
1.0
0.2
0.4
0.6
0.8
VOL (V)
VDD=3V
(Topt=25˚C)
7.8 Oscillation Start Time vs. Supply Voltage


Similar Part No. - RV5C339A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339A RICOH-RV5C339A Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C339A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz