Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C339A Datasheet(PDF) 31 Page - RICOH electronics devices division

Part No. RV5C339A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C339A Datasheet(HTML) 31 Page - RICOH electronics devices division

Back Button RV5C339A Datasheet HTML 27Page - RICOH electronics devices division RV5C339A Datasheet HTML 28Page - RICOH electronics devices division RV5C339A Datasheet HTML 29Page - RICOH electronics devices division RV5C339A Datasheet HTML 30Page - RICOH electronics devices division RV5C339A Datasheet HTML 31Page - RICOH electronics devices division RV5C339A Datasheet HTML 32Page - RICOH electronics devices division RV5C339A Datasheet HTML 33Page - RICOH electronics devices division RV5C339A Datasheet HTML 34Page - RICOH electronics devices division RV5C339A Datasheet HTML 35Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
RV5C339A
28
2.2 Measurement of Oscillation Frequency
Frequency
counter
32.768kHz
OSCIN
OSCOUT
VDD
V
SS
32KOUT
RV5C339A
*1) The RV5C339A is configured to generate 32.768-kHz clock pulses for output from the 32KOUT pin at power-on conditionally on setting the XSTP bit to
1 in the control register 2.
*2) A frequency counter with 6 (more preferably 7) or more digits on the order of 1ppm is recommended for use in the measurement of the oscillation fre-
quency of the oscillation circuit.
*3) The 32KOUT output pin should be connected to the VDD pin with a pull-up resistor.
2.3 Adjustment of Oscillation Frequency
The oscillation frequency of the oscillation circuit can be adjusted by varying procedures depending on the usage of
the RV5C339A in the system into which they are to be built and on the allowable degree of time count errors. The
flow chart below serves as a guide to selecting an optimum oscillation frequency adjustment procedure for the
relevant system.
Start
Use 32-kHz
clock circuit?
NO
NO
NO
YES
YES
YES
YES
NO
Use 32-kHz clock circuit without regard
to its frequency precision?
Allowable time count precision is on order of oscillation
frequency variations of crystal oscillator *1 plus
frequency variations of real-time clock? *2, *3
Allowable time count precision is on order of oscillation
frequency variations of crystal oscillator *1 plus
frequency variations of real-time clock? *2, *3
To Course (A)
To Course (B)
To Course (C)
To Course (D)
*1) Generally, crystal oscillators for commercial use are classified in terms of their center frequency depending on their load capacitance (CL) and further
divided into ranks on the order of ±10, ± 20, and ±50 ppm depending on the degree of their oscillation frequency variations.
*2) Basically, the RV5C339A are configured to cause frequency variations on the order of ±5 to ±10ppm at normal temperature.
*3) Time count precision as referred to in the above flow chart is applicable to normal temperature and actually affected by the temperature characteristics
and other properties of crystal oscillators.


Similar Part No. - RV5C339A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339A RICOH-RV5C339A Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C339A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz