Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C339A Datasheet(PDF) 20 Page - RICOH electronics devices division

Part No. RV5C339A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C339A Datasheet(HTML) 20 Page - RICOH electronics devices division

Back Button RV5C339A Datasheet HTML 16Page - RICOH electronics devices division RV5C339A Datasheet HTML 17Page - RICOH electronics devices division RV5C339A Datasheet HTML 18Page - RICOH electronics devices division RV5C339A Datasheet HTML 19Page - RICOH electronics devices division RV5C339A Datasheet HTML 20Page - RICOH electronics devices division RV5C339A Datasheet HTML 21Page - RICOH electronics devices division RV5C339A Datasheet HTML 22Page - RICOH electronics devices division RV5C339A Datasheet HTML 23Page - RICOH electronics devices division RV5C339A Datasheet HTML 24Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
17
RV5C339A
2.4 Day-of-week Counter (at Address 3h)
D7
D6
D5
D4
D3
D2
D1
D0
W4
W2
W1
0
0
0
0
0
W4
W2
W1
0
0
0
0
0
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
*) Default settings: Default value means read/written values when the XSTP bit is set to “1” due to power-on from 0 volts or supply voltage drop.
· The day-of-week counter is incremented by 1 when the day-of-week digits are carried to the day-of-month digits.
· Day-of-week display (incremented in septimal notation):
(W4, W2, W1) = (0, 0, 0)
→ (0, 0, 1) →...→ (1, 1, 0) → (0, 0, 0)
· Correspondences between days of the week and the day-of-week digits are user-definable (e.g. Sunday = 0, 0, 0)
· The writing of (1, 1, 1) to (W4, W2, W1) is prohibited except when days of the week are unused.
2.5 Calendar Counters (at Address 4h to 6h)
· The calendar counters are configured to display the calendar digits in BCD format by using the automatic calen-
dar function as follows:
The day-of-month digits (D20 to D1) range from 1 to 31 for January, March, May, July, August, October, and
December; from 1 to 30 for April, June, September, and November; from 1 to 29 for February in leap years;
from 1 to 28 for February in ordinary years.
The day-of-month digits are carried to the month digits in reversion from the last day of the month to 1. The
month digits (MO10 to MO1) range from 1 to 12 and are carried to the year digits in reversion from 12 to 1.
The year digits (Y80 to Y1) range from 00 to 99 (00, 04, 08, ... , 92, and 96 in leap years) and are carried to the
19/20 digits in reversion from 99 to 00.
The 19/20 digits cycle between 0 and 1 in reversion from 99 to 00 in the year digits.
· Any carry from lower digits with the writing of non-existent calendar data may cause the calendar counters to mal-
function. Therefore, such incorrect writing should be replaced with the writing of existent calendar data.
2.5-1 Day-of-month Counter (at Address 4h)
D7
D6
D5
D4
D3
D2
D1
D0
D20
D10
D8
D4
D2
D1
0
0
D20
D10
D8
D4
D2
D1
0
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
2.5-2 Month Counter + Century Bit (at Address 5h)
D7
D6
D5
D4
D3
D2
D1
D0
19/20
MO10
MO8
MO4
MO2
MO1
19/20
0
0
MO10
MO8
MO4
MO2
MO1
Indefinite
0
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*


Similar Part No. - RV5C339A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339A RICOH-RV5C339A Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C339A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz