Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C339A Datasheet(PDF) 14 Page - RICOH electronics devices division

Part # RV5C339A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C339A Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button RV5C339A Datasheet HTML 10Page - RICOH electronics devices division RV5C339A Datasheet HTML 11Page - RICOH electronics devices division RV5C339A Datasheet HTML 12Page - RICOH electronics devices division RV5C339A Datasheet HTML 13Page - RICOH electronics devices division RV5C339A Datasheet HTML 14Page - RICOH electronics devices division RV5C339A Datasheet HTML 15Page - RICOH electronics devices division RV5C339A Datasheet HTML 16Page - RICOH electronics devices division RV5C339A Datasheet HTML 17Page - RICOH electronics devices division RV5C339A Datasheet HTML 18Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
11
RV5C339A
2.1-5 CT2, CT1, and CT0
1) Pulse Mode : 2-Hz and 1-Hz clock pulses are output in synchronization with the increment of the second counter
as illustrated in the timing chart on the next page.
TEST
Description
0
Normal operation mode
1
Test mode
2.1-4 TEST
Test Bit
(Default setting)
The TEST bit is used only for testing in the factory and should normally be set to 0.
Periodic Interrupt Selection Bits
CT2
CT1
CT0
Description
Waveform mode
Interrupt cycle and falling timing
0
0
0
Off (“H”)
0
0
1
Fixed at low (“L”)
0
1
0
Pulse Mode
2Hz (Duty cycle of 50%)
0
1
1
Pulse Mode
1Hz (Duty cycle of 50%)
1
0
0
Level Mode
Once per 1 second (Synchronized with second counter increment)
1
0
1
Level Mode
Once per minute (at 00 seconds of every minute)
1
1
0
Level Mode
Once per hour (at 00 minutes and 00 seconds of every hour)
1
1
1
Level Mode
Once per month (at 00 hours, 00 minutes, and 00 seconds of first day of every month)
(Default setting)
2.1-3 CLEN2
32-kHz Clock Output Bit 2
CLEN2
Description
0
Enabling the 32-kHz clock circuit
1
Disabling the 32-kHz clock circuit
(Default setting)
Setting the CLEN2 bit or the CLEN1 bit (D3 in the control register 2) to 0, specifies generating clock pulses with
the oscillation frequency of the 32.768-kHz crystal oscillator for output from the 32KOUT pin. Conversely, setting
both the CLEN1 and the CLEN2 bit to 1 disabling (“H”) such output.


Similar Part No. - RV5C339A

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339A RICOH-RV5C339A Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C339A

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com