Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C338A Datasheet(PDF) 32 Page - RICOH electronics devices division

Part No. RV5C338A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C338A Datasheet(HTML) 32 Page - RICOH electronics devices division

Back Button RV5C338A Datasheet HTML 28Page - RICOH electronics devices division RV5C338A Datasheet HTML 29Page - RICOH electronics devices division RV5C338A Datasheet HTML 30Page - RICOH electronics devices division RV5C338A Datasheet HTML 31Page - RICOH electronics devices division RV5C338A Datasheet HTML 32Page - RICOH electronics devices division RV5C338A Datasheet HTML 33Page - RICOH electronics devices division RV5C338A Datasheet HTML 34Page - RICOH electronics devices division RV5C338A Datasheet HTML 35Page - RICOH electronics devices division RV5C338A Datasheet HTML 36Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
29
R
×5C338A
Course (A)
When the time count precision of each real-time clock is not to be adjusted, the crystal oscillator intended for use
with that real-time clock may have any CL value requiring no presetting. The crystal oscillator may be subject to
frequency variations which are selectable within the allowable range of time count precision. Several crystal
oscillators and real-time clocks should be used to find the center frequency of the crystal oscillators by the method
described in “2.2 Measurement of Oscillation Frequency” and then calculate an appropriate oscillation adjustment
value by the method described in “2.4 Oscillation Adjustment Circuit” for writing this value to the R
×5C338A.
Course (B)
When the time count precision of each real-time clock is to be adjusted within the oscillation frequency variations of
the crystal oscillator plus the frequency variations of the real-time clock ICs, it becomes necessary to correct
deviations in the time count of each real-time clock by the method described in “2.4 Oscillation Adjustment Circuit”.
Such oscillation adjustment provides crystal oscillators with a wider range of allowable settings of their oscillation
frequency variations and their CL values. The real-time clock IC and the crystal oscillator intended for use with that
real-time clock IC should be used to find the center frequency of the crystal oscillator by the method described in
“2.2 Measurement of Oscillation Frequency” and then confirm the center frequency thus found to fall within the
range adjustable by the oscillation adjustment circuit before adjusting the oscillation frequency of the oscillation
circuit. At normal temperature, the oscillation frequency of the oscillator circuit can be adjusted by up to
approximately ±1.5ppm.
Course (C)
Course (C) together with Course (D) requires adjusting the time count precision of each real-time clock as well as
the frequency of 32.768-kHz clock pulses output from the 32KOUT pin. Normally, the oscillation frequency of the
crystal oscillator intended for use with the real-time clocks should be adjusted by adjusting the oscillation stabilizing
capacitors CG and CD connected to both ends of the crystal oscillator. The R
×5C338A, which incorporate the CG
and the CD, require adjusting the oscillation frequency of the crystal oscillator through its CL value.
Generally, the relationship between the CL value and the CG and CD values can be represented by the following
equation:
CL =
CG
× CD
+ CS
where “CS” represents the floating capacity of the printed circuit board
CG + CD
The crystal oscillator intended for use with the R
×5C338A is recommended to have the CL value on the order of 6 to
8pF. Its oscillation frequency should be measured by the method described in “2.2 Measurement of Oscillation
Frequency”. Any crystal oscillator found to have an excessively high or low oscillation frequency (causing a time
count gain or loss, respectively) should be replaced with another one having a smaller and greater CL value,
respectively until another one having an optimum CL value is selected. In this case, the bit settings disabling the
oscillation adjustment circuit (see “2.4 Oscillation Adjustment Circuit”) should be written to the oscillation
adjustment register.


Similar Part No. - RV5C338A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339 RICOH-RV5C339 Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C339A-E2 RICOH-RV5C339A-E2 Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C338A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz