Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C338A Datasheet(PDF) 27 Page - RICOH electronics devices division

Part No. RV5C338A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C338A Datasheet(HTML) 27 Page - RICOH electronics devices division

Back Button RV5C338A Datasheet HTML 23Page - RICOH electronics devices division RV5C338A Datasheet HTML 24Page - RICOH electronics devices division RV5C338A Datasheet HTML 25Page - RICOH electronics devices division RV5C338A Datasheet HTML 26Page - RICOH electronics devices division RV5C338A Datasheet HTML 27Page - RICOH electronics devices division RV5C338A Datasheet HTML 28Page - RICOH electronics devices division RV5C338A Datasheet HTML 29Page - RICOH electronics devices division RV5C338A Datasheet HTML 30Page - RICOH electronics devices division RV5C338A Datasheet HTML 31Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
R
×5C338A
24
1.4-2 Burst Reading Data Transfer Format
The second type of reading data transfer format is designed to transfer a sequence of data serially and can be
selected by specifying in the address pointer a head address with which reading data transfer is to be commenced
and then writing the setting of 4h to the transfer format register. The address pointer is incremented for each
transfer of 1-byte data and cycled from Fh to 0h. This burst reading data transfer can be completed by driving the
CE pin low.
Example of Burst Reading Data Transfer
(For Reading Data from Addresses Fh, 0h, and 1h)
1 1 1 1 0
0
0
1
Specifying Fh
in the address
pointer
Reading data
from address Fh
Reading data
from address 0h
Data
Data
Data
Data transfer from the host
Data transfer from the real-time clocks
CE
SIO
Setting 4h
in the transfer
format register
Reading data
from address 1h
1 1 1 1 1
0
0
1
Specifying Fh
in the address
pointer
Reading data
from address Fh
Data transfer from the host
Data transfer from the real-time clocks
CE
SIO
Setting Ch
in the transfer
format register
Setting 8h
in the transfer
format register
Specifying Fh
in the address
pointer
Writing data
to address Fh
Data
Data
1 1 1 1 1
0
0
0
1.4-3 Combination of 1-byte Reading and Writing Data Transfer Formats
The 1-byte reading and writing data transfer formats can be combined together and further followed by any other
data transfer format.
Example of Combination of 1-byte Reading and Writing Data Transfer
(For Reading and Writing Data from and to
Address Fh)
The reading and writing data transfer formats correspond to the settings in the transfer format register as shown in
the table below.
1-byte transfer
Burst (Successive) transfer
Writing data transfer
8h
0h
(for writing to real-time clock)
(1,0,0,0)
(0,0,0,0)
Reading data transfer
Ch
4h
(for reading from real-time clock)
(1,1,0,0)
(0,1,0,0)


Similar Part No. - RV5C338A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339 RICOH-RV5C339 Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C339A-E2 RICOH-RV5C339A-E2 Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C338A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz