Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C338A Datasheet(PDF) 26 Page - RICOH electronics devices division

Part No. RV5C338A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C338A Datasheet(HTML) 26 Page - RICOH electronics devices division

Back Button RV5C338A Datasheet HTML 22Page - RICOH electronics devices division RV5C338A Datasheet HTML 23Page - RICOH electronics devices division RV5C338A Datasheet HTML 24Page - RICOH electronics devices division RV5C338A Datasheet HTML 25Page - RICOH electronics devices division RV5C338A Datasheet HTML 26Page - RICOH electronics devices division RV5C338A Datasheet HTML 27Page - RICOH electronics devices division RV5C338A Datasheet HTML 28Page - RICOH electronics devices division RV5C338A Datasheet HTML 29Page - RICOH electronics devices division RV5C338A Datasheet HTML 30Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
23
R
×5C338A
1.3-2 Burst Writing Data Transfer Format
The second type of writing data transfer format is designed to transfer a sequence of data serially and can be
selected by specifying in the address pointer a head address with which writing data transfer is to be commenced
and then writing the setting of 0h to the transfer format register. The address pointer is incremented for each
transfer of 1-byte data and cycled from Fh to 0h. This burst writing data transfer can be completed by driving the
CE pin low.
Example of Burst Writing Data Transfer
(For Writing Data to Addresses Eh, Fh, and Oh)
1 1 1 0 0
0
0
0
Specifying Eh
in the address
pointer
Writing data
to address Eh
Writing data
to address Fh
Data
Data
Data
Data transfer from the host
Data transfer from the real-time clocks
CE
SIO
Setting 0h
in the transfer
format register
Writing data
to address 0h
1 1 1 0 1
0
0
1
Specifying Eh
in the address
pointer
Reading data
from address Eh
Data transfer from the host
Data transfer from the real-time clocks
CE
SIO
Setting Ch
in the transfer
format register
Specifying 2h
in the address
pointer
Setting Ch
in the transfer
format register
Reading data
from address 2h
Data
Data
0 0 1 0 1
0
0
1
1.4 Reading Data Transfer Formats
1.4-1 1-byte Reading Data Transfer Format
The first type of reading data transfer format is designed to transfer 1-byte data at a time and can be selected by
specifying in the address pointer a head address with which reading data transfer is to be commenced and then the
setting of writing Ch to the transfer format register. This 1-byte reading data transfer can be completed by driving
the CE pin low or continued by specifying a new head address in the address pointer and setting the transfer format.
Example of 1-byte Reading Data Transfer
(For Reading Data from Addresses Eh and 2h)


Similar Part No. - RV5C338A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339 RICOH-RV5C339 Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C339A-E2 RICOH-RV5C339A-E2 Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C338A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz