Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C338A Datasheet(PDF) 25 Page - RICOH electronics devices division

Part # RV5C338A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C338A Datasheet(HTML) 25 Page - RICOH electronics devices division

Back Button RV5C338A Datasheet HTML 21Page - RICOH electronics devices division RV5C338A Datasheet HTML 22Page - RICOH electronics devices division RV5C338A Datasheet HTML 23Page - RICOH electronics devices division RV5C338A Datasheet HTML 24Page - RICOH electronics devices division RV5C338A Datasheet HTML 25Page - RICOH electronics devices division RV5C338A Datasheet HTML 26Page - RICOH electronics devices division RV5C338A Datasheet HTML 27Page - RICOH electronics devices division RV5C338A Datasheet HTML 28Page - RICOH electronics devices division RV5C338A Datasheet HTML 29Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
R
×5C338A
22
1
2
3
4
5
6
7
8
1
2
3
A3
A2
A1
A0
C3
C2
C1
C0
D7
D6
D3
D2
D1
D0
CE
SCLK
SIO
Setting the address
pointer
Setting the transfer
format register
Writing data transfer /
Reading data transfer
1.2 Data Transfer Formats
Data transfer is commenced in the low to high transition of the CE pin input and completed in its high to low
transition. Data transfer is conducted serially in multiple units of 1 byte (8 bits). The former 4 bits are used to
specify in the address pointer a head address with which data transfer is to be commenced from the host. The latter
4 bits are used to select either reading data transfer or writing data transfer and set the transfer format register to
specify an appropriate data transfer format. All data transfer formats are designed to transfer the most significant bit
(MSB) first.
Two types of data transfer formats are available for reading data transfer and writing data transfer each.
1.3 Writing Data Transfer Formats
1.3-1 1-byte Writing Data Transfer Format
The first type of writing data transfer format is designed to transfer 1-byte data at a time and can be selected by
specifying in the address pointer a head address with which writing data transfer is to be commenced and then
writing the setting of 8h to the transfer format register. This 1-byte writing data transfer can be completed by
driving the CE pin low or continued by specifying a new head address in the address pointer and setting the transfer
format.
Example of 1-byte Writing Data Transfer
(For Writing Data to Addresses Fh and 7h)
1 1 1 1 1
0
0
0
0 1 1 1
0 0
0
1
Specifying Fh
in the address
pointer
Writing data
to address Fh
Data
Data
Data transfer from the host
Data transfer from the real-time clocks
CE
SIO
Setting 8h
in the transfer
format register
Specifying 7h
in the address
pointer
Writing data
to address 7h
Setting 8h
in the transfer
format register


Similar Part No. - RV5C338A

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339 RICOH-RV5C339 Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C339A-E2 RICOH-RV5C339A-E2 Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C338A

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com