Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5C372B Datasheet(PDF) 58 Page - RICOH electronics devices division

Part # RS5C372B
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372B Datasheet(HTML) 58 Page - RICOH electronics devices division

Back Button RS5C372B Datasheet HTML 51Page - RICOH electronics devices division RS5C372B Datasheet HTML 52Page - RICOH electronics devices division RS5C372B Datasheet HTML 53Page - RICOH electronics devices division RS5C372B Datasheet HTML 54Page - RICOH electronics devices division RS5C372B Datasheet HTML 55Page - RICOH electronics devices division RS5C372B Datasheet HTML 56Page - RICOH electronics devices division RS5C372B Datasheet HTML 57Page - RICOH electronics devices division RS5C372B Datasheet HTML 58Page - RICOH electronics devices division RS5C372B Datasheet HTML 59Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
RS5C372A/B
54
PACKAGE DIMENSIONS (Unit: mm)
• RS5C372A/B (8pin SSOP 0.65mm pitch)
0.15
+0.1
-0.05
0
° to 10°
0.15
0.1
M
0.22
±0.1
0.775TYP.
0.65
1
4
8
5
3.5
±0.3
TAPING SPECIFICATION (Unit: mm)
0.3
2.7 MAX.
4.0
±0.1
2.0
±0.05
8.0
±0.1
6.7
ø1.5
+0.1
–0
User Direction of Feed
The RS5C372A/B have one designated taping direction. The product designations for the taping components are
“RS5C372A-E2” and “RS5C372B-E2”.


Similar Part No. - RS5C372B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
RS5C372B-E1 RICOH-RS5C372B-E1 Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
RS5C372B-E2 RICOH-RS5C372B-E2 Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
More results

Similar Description - RS5C372B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
logo
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
logo
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Epson ToYoCom
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com