Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS5C372A Datasheet(PDF) 54 Page - RICOH electronics devices division

Part No. RS5C372A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A Datasheet(HTML) 54 Page - RICOH electronics devices division

Back Button RS5C372A Datasheet HTML 50Page - RICOH electronics devices division RS5C372A Datasheet HTML 51Page - RICOH electronics devices division RS5C372A Datasheet HTML 52Page - RICOH electronics devices division RS5C372A Datasheet HTML 53Page - RICOH electronics devices division RS5C372A Datasheet HTML 54Page - RICOH electronics devices division RS5C372A Datasheet HTML 55Page - RICOH electronics devices division RS5C372A Datasheet HTML 56Page - RICOH electronics devices division RS5C372A Datasheet HTML 57Page - RICOH electronics devices division RS5C372A Datasheet HTML 58Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
RS5C372A/B
50
External CG(pF)
0
–50
–10
–20
–30
–40
10
0
5
15
10
20
(Topt=25˚C, VDD=3V,
External CG=0pF Standard)
Power Supply Voltage VDD(V)
0
1
–5
2
0
1
–2
–1
–4
–3
5
3
4
2
5
3
4
6
(Topt=25˚C, VDD=3V Standard)
Temperature Topt(˚C)
–60 –40 –20
20
0
–200
0
–40
–80
–120
–160
40
60
80 100
(VDD=3V, Topt=25˚C Standard)
Power Supply Voltage VDD(V)
0
1
3
4
2
0
500
400
300
200
100
5
6
(Topt=25˚C)
VOL(V)
0
0
20
10
30
50
40
0.2
0.8
0.4
0.6
1
(Topt=25˚C)
*1
VDD=3V
VDD=5V
*1) Avoid continuous flowing of current of 20mA or more to the INTRA,
INTRB, or INTR pin.
Temperature Topt(˚C)
–60
0
1
2
–40 –20
80
60
0
20
40
100
(VDD=3.0V, SDA=Open)
6.5 Oscillation Frequency Deviation vs. External CG
6.7 Oscillation Frequency Deviation vs. Temperature
6.9 VOL vs. IOL (INTRA, INTRB or INTR pin)
*1
6.6 Oscillation Frequency Deviation vs. Power Supply Voltage
6.8 Oscillation Start Time vs. Power Supply Voltage
6.4 Standby Supply Current vs. Temperature


Similar Part No. - RS5C372A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
More results

Similar Description - RS5C372A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
RICOH electronics devices division
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
uPI Group Inc.
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
Epson ToYoCom
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
uPI Group Inc.
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
Epson ToYoCom
Epson ToYoCom
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz