Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS5C372A Datasheet(PDF) 52 Page - RICOH electronics devices division

Part No. RS5C372A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A Datasheet(HTML) 52 Page - RICOH electronics devices division

Back Button RS5C372A Datasheet HTML 48Page - RICOH electronics devices division RS5C372A Datasheet HTML 49Page - RICOH electronics devices division RS5C372A Datasheet HTML 50Page - RICOH electronics devices division RS5C372A Datasheet HTML 51Page - RICOH electronics devices division RS5C372A Datasheet HTML 52Page - RICOH electronics devices division RS5C372A Datasheet HTML 53Page - RICOH electronics devices division RS5C372A Datasheet HTML 54Page - RICOH electronics devices division RS5C372A Datasheet HTML 55Page - RICOH electronics devices division RS5C372A Datasheet HTML 56Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
RS5C372A/B
48
Software Setting
(1) Use periodic interrupt immediately after power on to output ON (“L”) from the INTRB pin.
(2) When you want to turn power off use Alarm_B or periodic interrupt to set a timing for power on and output it
from the INTRB. The INTRB remains off (“H”) until the timing specified, high voltage is applied to the regulator
CE pin thus power for the micro controller is turned off.
(3) On reaching the specified timing, the INTRB pin switches to on (“L”) and power turns on. Hereafter, power is
turned off by setting 0 to the BALFG or the CTFG and turned on again at a next timing specified.
5.3 Example of Power Supply Wake-up Circuit (RS5C372A only)
The sample circuit below has been designed so that system power supply turns on at a time set in the Alarm_B
using the Alarm_B of the RS5C372A and the RN5RZ
××A (RN5RT××A)*1.
RN5RZ
××A or
RN5RT
××A
VDD VOUT
RS5C372A
CE
VDD
Microcontroller
32.768kHz or 32.000kHz
VDD
VSS
OSCIN
OSCOUT
SCL
SDA
INTRB
System power supply
Backup power supply
*
1
*
2
*
3
*
3
*
4
*1) The RN5RZ××A and the RN5RT××A are RICOH regulators with stand-by functions.
*2) The INTRB of the RS5C372A outputs 32-kHz clock pulses on power on. A capacitor is included so that CE will not change to “H” while 32-kHz clock
is off (“H”) to allow the regulator to be turned on.
*3) This resistor is used to prevent excess current from flowing into the pins of the RS5C372A/B and the RN5RZ××A (RN5RT××A) on power on.
*4) Pull-up resistors of the SCL and SDA are not shown in the figure for clarity.


Similar Part No. - RS5C372A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
More results

Similar Description - RS5C372A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
RICOH electronics devices division
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
uPI Group Inc.
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
Epson ToYoCom
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
uPI Group Inc.
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
Epson ToYoCom
Epson ToYoCom
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz