Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS5C372A Datasheet(PDF) 35 Page - RICOH electronics devices division

Part No. RS5C372A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A Datasheet(HTML) 35 Page - RICOH electronics devices division

Back Button RS5C372A Datasheet HTML 31Page - RICOH electronics devices division RS5C372A Datasheet HTML 32Page - RICOH electronics devices division RS5C372A Datasheet HTML 33Page - RICOH electronics devices division RS5C372A Datasheet HTML 34Page - RICOH electronics devices division RS5C372A Datasheet HTML 35Page - RICOH electronics devices division RS5C372A Datasheet HTML 36Page - RICOH electronics devices division RS5C372A Datasheet HTML 37Page - RICOH electronics devices division RS5C372A Datasheet HTML 38Page - RICOH electronics devices division RS5C372A Datasheet HTML 39Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
RS5C372A/B
31
1.2-5 Data transmission read format of the RS5C372A/B
The RS5C372A/B allow the following three readout methods of data from an internal register.
1) The first method to reading data from the internal register is to specify an internal address by setting the internal
address pointer and the transmission format register described 1.2-4, generate the repeated start condition (see
section 1.2-3) to change the data transmission direction to perform reading. The internal address pointer is set to
Fh when the stop condition is met. Therefore, this method of reading allows no insertion of the stop condition
before the repeated start condition. Set 0h to the transmission format register.
Example 1 of data read (when data is read from 2h to 4h)
S 0 1 1 0
0
0
1
0
0 0 1 0
0 0
0
0
A
A
A
A P
A
1
0
Sr
0 0 1 0
A
1
1
R/W=0 (Write)
Transmission of
slave address
(0110010)
Transmission of
slave address
(0110010)
Setting of
2h to the
internal
address
pointer
Setting of
0h to the
trans-
mission
format
register
Reading of data from
the internal address 2h.
Reading of data from
the internal address 3h.
Reading of data from
the internal address 4h.
Data
Data
Data
Repeated start condition
R/W=1 (Read)
S
Sr
A
A
Master to slave
Slave to master
Start condition
Acknowledge signal
Repeated start condition
P Stop condition
A


Similar Part No. - RS5C372A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
More results

Similar Description - RS5C372A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
RICOH electronics devices division
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
uPI Group Inc.
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
Epson ToYoCom
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
uPI Group Inc.
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
Epson ToYoCom
Epson ToYoCom
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz