Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS5C372A Datasheet(PDF) 22 Page - RICOH electronics devices division

Part No. RS5C372A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A Datasheet(HTML) 22 Page - RICOH electronics devices division

Back Button RS5C372A Datasheet HTML 18Page - RICOH electronics devices division RS5C372A Datasheet HTML 19Page - RICOH electronics devices division RS5C372A Datasheet HTML 20Page - RICOH electronics devices division RS5C372A Datasheet HTML 21Page - RICOH electronics devices division RS5C372A Datasheet HTML 22Page - RICOH electronics devices division RS5C372A Datasheet HTML 23Page - RICOH electronics devices division RS5C372A Datasheet HTML 24Page - RICOH electronics devices division RS5C372A Datasheet HTML 25Page - RICOH electronics devices division RS5C372A Datasheet HTML 26Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
RS5C372A/B
18
• Level mode
Write 0 to CTFG
(Second count-up)
Write 0 to CTFG
CTFG bit
(Second count-up)
(Second count-up)
INTRA or INTRB pins
(INTR pin for the RS5C372B)
2.2 Control Register 2 (at internal address Fh)
D7
D6
D5
D4
D3
D2
D1
D0
12/24
ADJ
CLEN
CTFG
AAFG
BAFG
0
0
12/24
XSTP
CLEN
CTFG
AAFG
BAFG
0
0
Undefined
1
0
0
0
0
(For write operation)
(For read operation)
Default*
*) The default means read value when XSTP bit is set to “1” by starting up from 0V, or supply voltage drop, etc.
2.2-1 12/24
12/24-hour Time Display System Selection bit
12/24
Description
0
12-hour time display system (separate for mornings and afternoons)
1
24-hour time display system
Being set this bit at “0” indicates 12-hour display system while “1” indicates 24-hour system.
Time Display Digit Table
24-hour time display system 12-hour time display system 24-hour time display system 12-hour time display system
00
12 (AM12)
12
32 (PM12)
01
01 (AM 1)
13
21 (PM 1)
02
02 (AM 2)
14
22 (PM 2)
03
03 (AM 3)
15
23 (PM 3)
04
04 (AM 4)
16
24 (PM 4)
05
05 (AM 5)
17
25 (PM 5)
06
06 (AM 6)
18
26 (PM 6)
07
07 (AM 7)
19
27 (PM 7)
08
08 (AM 8)
20
28 (PM 8)
09
09 (AM 9)
21
29 (PM 9)
10
10 (AM10)
22
30 (PM10)
11
11 (AM11)
23
31 (PM11)
*) Either the 12-hour or 24-hour time display system should be selected before writing time data.


Similar Part No. - RS5C372A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
More results

Similar Description - RS5C372A

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
RICOH electronics devices division
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
uPI Group Inc.
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
Epson ToYoCom
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
uPI Group Inc.
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
Epson ToYoCom
Epson ToYoCom
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz