Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS5C372A Datasheet(PDF) 12 Page - RICOH electronics devices division

Part # RS5C372A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372A Datasheet(HTML) 12 Page - RICOH electronics devices division

Back Button RS5C372A Datasheet HTML 8Page - RICOH electronics devices division RS5C372A Datasheet HTML 9Page - RICOH electronics devices division RS5C372A Datasheet HTML 10Page - RICOH electronics devices division RS5C372A Datasheet HTML 11Page - RICOH electronics devices division RS5C372A Datasheet HTML 12Page - RICOH electronics devices division RS5C372A Datasheet HTML 13Page - RICOH electronics devices division RS5C372A Datasheet HTML 14Page - RICOH electronics devices division RS5C372A Datasheet HTML 15Page - RICOH electronics devices division RS5C372A Datasheet HTML 16Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
RS5C372B
8
BLOCK DIAGRAM
COMPARATOR_A
ALARM_A REGISTER
(WEEK,MIN,HOUR)
ALARM_B REGISTER
(WEEK,MIN,HOUR)
COMPARATOR_B
TIME COUNTER
(SEC,MIN,HOUR,WEEK,DAY,MONTH,YEAR)
ADDRESS
REGISTER
ADDRESS
DECODER
SHIFT REGISTER
INTERRUPT CONTROL
32kHz OUTPUT
CONTROL
DIVIDER
CORREC
-TION
DIV
OSC
OSCIN
OSCOUT
32KOUT
OSC
DETECT
I/O
CONTROL
VSS
SCL
SDA
VDD
INTR
PIN CONFIGURATION
• 8pin SSOP
32KOUT
1
SCL
2
SDA
3
VSS
VDD
OSCIN
OSCOUT
INTR
4
8
7
6
5
APPLICATIONS
• Communication devices (multi function phone, portable phone, PHS or pager)
• OA devices (fax, portable fax)
• Computer (desk-top and mobile PC, portable word-processor, PDA, electric note or video game)
• AV components (portable audio unit, video camera,camera, digital camera or remote controller)
• Home appliances (rice cooker, electric oven)
• Other (car navigation system, multi-function watch)


Similar Part No. - RS5C372A

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
More results

Similar Description - RS5C372A

ManufacturerPart #DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
RICOH electronics devices division
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
uPI Group Inc.
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
   I2C-Bus Interface Real-Time Clock Module
Epson ToYoCom
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
uPI Group Inc.
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
Epson ToYoCom
Epson ToYoCom
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com