Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5C338A Datasheet(PDF) 17 Page - RICOH electronics devices division

Part # RS5C338A
Description  3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C338A Datasheet(HTML) 17 Page - RICOH electronics devices division

Back Button RS5C338A Datasheet HTML 13Page - RICOH electronics devices division RS5C338A Datasheet HTML 14Page - RICOH electronics devices division RS5C338A Datasheet HTML 15Page - RICOH electronics devices division RS5C338A Datasheet HTML 16Page - RICOH electronics devices division RS5C338A Datasheet HTML 17Page - RICOH electronics devices division RS5C338A Datasheet HTML 18Page - RICOH electronics devices division RS5C338A Datasheet HTML 19Page - RICOH electronics devices division RS5C338A Datasheet HTML 20Page - RICOH electronics devices division RS5C338A Datasheet HTML 21Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
RS5C338A
14
2.2-4 XSTP
Oscillator Halt Sensing Bit
CLEN1
Description
0
Enabling the 32-kHz clock output
1
Disabling the 32-kHz clock output
2.2-5 CLEN1
32-kHz Clock Output Bit 1
(Default setting)
CTFG
Description
0
Periodic interrupt output “H” (OFF)
1
Periodic interrupt output “L” (ON)
2.2-6 CTFG
Periodic Interrupt Flag Bit
(Default setting)
The CTFG bit is set to 1 when the periodic interrupt signals are output from the INTR pin (“L”). The CTFG bit
accepts only the writing of 0 in the level mode, which disables (“H”) the INTR pin until it is enabled (“L”) again in
the next interrupt cycle. Conversely, setting the CTFG bit to 1 causes no event.
Setting the CLEN1 bit or the CLEN2 bit (D4 in control register 1) to 0, and the CLKC pin to high specifies
generating clock pulses with the oscillation frequency of the 32.768-kHz crystal oscillator for output from the
32KOUT pin. Conversely, setting both the CLEN1 bit and the CLEN2 bit to 1 or the CLKC pin to low specifies
disabling (“L”) such output.
The XSTP bit is for sensing a halt in the oscillation of the crystal oscillator. The oscillation halt sensing circuit
operates only when the CE pin is “L”.
· The XSTP bit will be set to 1 once a halt in the oscillation of the crystal oscillator is caused by such events as pow-
er-on from 0 volts and a drop in supply voltage. The XSTP bit will hold the setting of 1 even after the restart of
oscillation. As such, the XSTP bit can be applied to judge the validity of clock and calendar data after power-on or
a drop in supply voltage.
· When the XSTP bit is set to 1, all bits will be reset to 0 in the oscillation adjustment register, control register 1, and
control register 2, stopping the output from the INTR pin and starting the output of 32.768-kHz clock pulses from
the 32KOUT pin.
(32KOUT output is disabled when CLKC pin is set to low.)
· The XSTP bit accepts only the writing of 0, which restarts the oscillation halt sensing circuit. Conversely, setting
the XSTP bit to 1 causes no event.
XSTP
Description
0
Sensing a normal condition of oscillation
1
Sensing a halt of oscillation
(Default setting)


Similar Part No. - RS5C338A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A-E2 RICOH-RS5C338A-E2 Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
More results

Similar Description - RS5C338A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2061L01-E2 RICOH-R2061L01-E2 Datasheet
613Kb / 60P
   3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com