Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1221N50AC-TR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1221N50AC-TR
Description  Step-down DC/DC Converter with Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1221N50AC-TR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1221N50AC-TR Datasheet HTML 5Page - RICOH electronics devices division R1221N50AC-TR Datasheet HTML 6Page - RICOH electronics devices division R1221N50AC-TR Datasheet HTML 7Page - RICOH electronics devices division R1221N50AC-TR Datasheet HTML 8Page - RICOH electronics devices division R1221N50AC-TR Datasheet HTML 9Page - RICOH electronics devices division R1221N50AC-TR Datasheet HTML 10Page - RICOH electronics devices division R1221N50AC-TR Datasheet HTML 11Page - RICOH electronics devices division R1221N50AC-TR Datasheet HTML 12Page - RICOH electronics devices division R1221N50AC-TR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
12345
Rev. 1.11
- 9 -
In Equation 1, VOUT
´topen/L and (VIN-VOUT)´ton/L are respectively show the change of the current at ON, and the
change of the current at OFF.
When the output current(IOUT) is relatively small, topen<toff as illustrated in the above diagram. In this case, the
energy is charged in the inductor during the time period of ton and is discharged in its entirely during the time period
of toff, therefore ILmin becomes to zero(ILmin=0). When Iout is gradually increased, eventually, topen becomes to
toff (topen = toff), and when IOUT is further increased, ILmin becomes larger than zero(ILmin>0). The former mode
is
referred to as the discontinuous mode and the latter mode is referred to as continuous mode.
In the continuous mode, when Equation 1 is solved for ton and assumed that the solution is tonc,
tonc =T
´VIN/VOUT××× Equation 2
When ton<tonc, the mode is the discontinuous mode, and when ton = tonc, the mode is the continuous mode.
n OUTPUT CURRENT AND SELECTION OF EXTERNAL COMPONENTS
When LxTr is ON:
(Wherein, Ripple Current P-P value is described as IRP, ON resistance of LXTr is described as Rp the direct current
of the inductor is described as RL.)
VIN=VOUT+(Rp +RL)
´IOUT+L´IRP/ton
×××Equation 3
When LxTr is OFF:
L
´IRP/ toff =VF+VOUT+RL´IOUT
×××Equation 4
Put Equation 4 to Equation 3 and solve for ON duty, ton/(toff+ton)=DON,
DON=(VOUT+VF+RL
´IOUT)/(VIN+VF-Rp´IOUT)×××Equation 5
Ripple Current is as follows;
IRP=(VIN-VOUT-Rp
´IOUT-RL´IOUT)´DON/f/L ¼Equation 6
wherein, peak current that flows through L, LxTr, and SD is as follows;
ILmax=IOUT+IRP/2
¼Equation 7
Consider ILmax, condition of input and output and select external components.
HThe above explanation is directed to the calculation in an ideal case in continuous mode.
n External Components
1. Inductor
Select an inductor that peak current does not exceed ILmax. If larger current than allowable current flows,
magnetic saturation occurs and make transform efficiency worse.
When the load current is same, the smaller value of L, the larger the ripple current.
Provided that the allowable current is large in that case and DC current is small, therefore, for large output current,
efficiency is better than using an inductor with a large value of L and vice versa,
2. Diode
Use a diode with low VF (Schottky type is recommended.) and high switching speed.
Reverse voltage rating should be more than VIN and current rating should be equal or more than ILmax.


Similar Part No. - R1221N50AC-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A RICOH-R1223N152A Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A-TR RICOH-R1223N152A-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C RICOH-R1223N152C Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C-TR RICOH-R1223N152C-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
More results

Similar Description - R1221N50AC-TR

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
   Step-up DC/DC Converter with Voltage Detector
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com