Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5VL27A-RF Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RN5VL27A-RF
Description  VOLTAGE DETECTOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VL27A-RF Datasheet(HTML) 5 Page - RICOH electronics devices division

  RN5VL27A-RF Datasheet HTML 1Page - RICOH electronics devices division RN5VL27A-RF Datasheet HTML 2Page - RICOH electronics devices division RN5VL27A-RF Datasheet HTML 3Page - RICOH electronics devices division RN5VL27A-RF Datasheet HTML 4Page - RICOH electronics devices division RN5VL27A-RF Datasheet HTML 5Page - RICOH electronics devices division RN5VL27A-RF Datasheet HTML 6Page - RICOH electronics devices division RN5VL27A-RF Datasheet HTML 7Page - RICOH electronics devices division RN5VL27A-RF Datasheet HTML 8Page - RICOH electronics devices division RN5VL27A-RF Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
R
×5VL
2
BLOCK DIAGRAMS
Nch Open Drain Output (R
×5VL××A)
CMOS Output (R
×5VL××C)
TIME CHART
DEFINITION OF OUTPUT DELAY TIME tPLH
2
3
Vref
OUT
GND
VDD
+
1
VDD
2
1
3
Vref
OUT
GND
+
Detector Threshold Hysteresis
tPLH
Released Voltage
+VDET
Detected Voltage
–VDET
Supply Voltage
(VDD)
Output Voltage
(OUT)
Minimum Operating Voltage
GND
GND
tPLH
tPHL
Input Voltage
(VDD)
Output Voltage
Nch Open Drain Output
GND
GND
3.5V
7.0V
1.2V
+VDET + 2.0V
tPLH
tPHL
CMOS Output
GND
GND
1.2V
+VDET + 2.0V
+VDET +2.0V
+VDET + 2.0V
2
Input Voltage
(VDD)
Output Voltage


Similar Part No. - RN5VL27A-RF

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA RICOH-RN5VD09AA Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TL RICOH-RN5VD09AA-TL Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TR RICOH-RN5VD09AA-TR Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AC RICOH-RN5VD09AC Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - RN5VL27A-RF

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com