Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP5C62 Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP5C62
Description  REAL-TIME CLOCK
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP5C62 Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP5C62 Datasheet HTML 4Page - RICOH electronics devices division RP5C62 Datasheet HTML 5Page - RICOH electronics devices division RP5C62 Datasheet HTML 6Page - RICOH electronics devices division RP5C62 Datasheet HTML 7Page - RICOH electronics devices division RP5C62 Datasheet HTML 8Page - RICOH electronics devices division RP5C62 Datasheet HTML 9Page - RICOH electronics devices division RP5C62 Datasheet HTML 10Page - RICOH electronics devices division RP5C62 Datasheet HTML 11Page - RICOH electronics devices division RP5C62 Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
4
DC ELECTRICAL CHARACTERISTICS
RP/RF/RS5C62
Unless Noted, VSS=0V, VDD=5V±10%, Topt=–20 to +70˚C, X'tal=32.768kHz, (R1
²35k½), CG=10pF, CD=10pF
Symbol
Item
Pin Name
Conditions
Limits
Unit
MIN.
TYP.
MAX.
VIH1
“H” input voltage
A0 to A3, D0 to D3
2.2
VDD+0.3
V
VIL1
“L” input voltage
CS, RD, WR
–0.3
0.8
V
VIH2
“H” input voltage
CE
0.8
´VDD
VDD+0.3
V
VIL2
“L” input voltage
–0.3
0.2
´VDD
V
VOH1
“H” output voltage
D0 to D3
IOH1=–400µA
2.4
V
VOL1
“L” output voltage
IOL1=2mA
0.4
V
VOL2
“L” output voltage
INTR, TMOUT
IOL2=2mA
0.4
V
IILK
Input leak current
A0 to A3, CE,
VILK=VDD or VSS
–1
1
µA
CS, RD, WR
IOZ1
Output off leak
D0 to D3
VOZ1=VDD or VSS
–5
5
µA
IOZ2
current
INTR, TMOUT
VOZ2=VDD
–2
2
µA
IOZ3
INTR, TMOUT
VOZ3=10V
–5
5
µA
IDD1
Consumption
VDD
VDD=2.5V, CE=L
3
µA
current for back-up
Others : OPEN
Consumption
VDD=5.5V, CE=H, CS=H,
IDD2
current for stand-by
VDD
Output : OPEN
8
µA
Input : VDD or VSS
¶f
Oscillation frequency
OSCIN
VDD=2.5 to 5.5V
–1
1
ppm
drift for voltage drift
OSCOUT
Topt=25˚C


Similar Part No. - RP5C62

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results

Similar Description - RP5C62

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com